Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1632 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 17Page - STMicroelectronics UM1632 Datasheet HTML 18Page - STMicroelectronics UM1632 Datasheet HTML 19Page - STMicroelectronics UM1632 Datasheet HTML 20Page - STMicroelectronics UM1632 Datasheet HTML 21Page - STMicroelectronics UM1632 Datasheet HTML 22Page - STMicroelectronics UM1632 Datasheet HTML 23Page - STMicroelectronics UM1632 Datasheet HTML 24Page - STMicroelectronics UM1632 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID024513 Rev 1
21/32
UM1632
Application setup
4
Application setup
1.
Preload the program into the STM8L1526-EVAL (details in the DALI SW DALI
description).
Note:
The current version was compiled with STVD 4.3.
2.
Select jumper J3 (of STEVAL-ILM001V1).
a)
1-2 shorted, the direct power supply is selected: the module is always supplied
with the same supply voltage as a controlling microcontroller (on
STM8L1526-EVAL kit).
b)
2-3 shorted, a controlled supply is selected: the module is supplied through the
GPIO pin of the microcontroller, allowing disconnection of the receiver optocoupler
when not needed (e.g. during transmission), in order to lower the overall system
consumption.
3.
Connect the DALI network cable on connector J1 (DALI DA). There is no need to pay
particular attention to wire polarity as there is an input diode bridge on the module.
4.
Make the connections for the J2 connector on the STEVAL-ILM001V1 and
STM8L1526-EVAL as given in the table below and also connect the PD0 pin of the
STM8L1526-EVAL to the PA4 pin of the same board to determine the effect on LD1 on
the STM8L1526-EVAL board as shown in Figure 9.
Figure 6. Bottom side connectors
Table 10. Connections of STEVAL-ILM001V1 and STM8L Discovery board
STEVAL-ILM001V1 pins (J2)
STM8L Discovery pins
VDD (Pin 1)
3V3
GND (Pin 2)
GND
RX_Supply (Pin 5)
PB4
S1 (Pin 6)
PB5
DALI_TX (Pin 9)
PB1
DALI_RX (Pin 10)
PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com