Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1632 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 14Page - STMicroelectronics UM1632 Datasheet HTML 15Page - STMicroelectronics UM1632 Datasheet HTML 16Page - STMicroelectronics UM1632 Datasheet HTML 17Page - STMicroelectronics UM1632 Datasheet HTML 18Page - STMicroelectronics UM1632 Datasheet HTML 19Page - STMicroelectronics UM1632 Datasheet HTML 20Page - STMicroelectronics UM1632 Datasheet HTML 21Page - STMicroelectronics UM1632 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Function description
UM1632
18/32
DocID024513 Rev 1
u16 E2_ReadMem(u16 VirtAddress,uint16_t* Data)
•
Reads data from EEPROM
3.2.6
lite_timer_8bit.c
These files constitute the timing module. They contain all the virtual timers needed for DALI
timing, such as intervals for the dimming function and DALI timeouts. Reference timer ticks
come from the DALI I/O pin driver layer.
void Timer_Lite_Init(void)
This function:
•
Initializes the timing module
•
Initializes the internal variables to their default state
void RTC_LaunchTimer(timer_value)
This function:
•
Initializes a timeout for DALI command repetition
void RTC_LaunchUserTimer(TimerCount),
void RTC_DoneUserTimer(void)
This set of functions:
•
Dims the update intervals (start and stop)
void RTC_LaunchBigTimer(mins)
This function:
•
Initializes the timeout (usually 15 minutes) - expiration of the DALI "Initialize" command
void RTC_LaunchDAPCTimer(void)
This function:
•
Initializes the timeout (200 ms) - expiration of the DALI "DAPC sequence" command
void PowerOnTimerReset(void)
This function:
•
Stops the power-on timeout (600 ms) previously initialized during power-on (using the
Timer_Lite_Init() function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com