Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4631 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4631
Description  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4631 Datasheet HTML 1Page - STMicroelectronics AN4631 Datasheet HTML 2Page - STMicroelectronics AN4631 Datasheet HTML 3Page - STMicroelectronics AN4631 Datasheet HTML 4Page - STMicroelectronics AN4631 Datasheet HTML 5Page - STMicroelectronics AN4631 Datasheet HTML 6Page - STMicroelectronics AN4631 Datasheet HTML 7Page - STMicroelectronics AN4631 Datasheet HTML 8Page - STMicroelectronics AN4631 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
April 2015
DocID027266 Rev 2
1/30
1
AN4631
Application note
How to calibrate an STM32L0xx internal RC oscillator
Introduction
The STM32L0xx microcontrollers have two internal RC oscillators that can be selected as the system
clock source. These are known as the HSI16 (High-Speed Internal) and MSI (Multi-Speed Internal)
oscillators. The HSI16 oscillator has a typical frequency of 16 MHz. The MSI oscillator is a lower
speed, low-power clock source.
The STM32L0xx microcontrollers have two secondary clock sources.
• LSI: 37 kHz (Low-Speed Internal)
• HSI48: 48MHz (High-Speed Internal) that can be used directly for USB and for random number
generator (RNG).
The operating temperature has an impact on the accuracy of the RC oscillators. At 25 °C, the HSI16
oscillator has an accuracy of ±1% typically, the MSI oscillator has an accuracy of ± 0.5% and the
HSI48 oscillator has an accuracy of ±4%. But in the temperature range of -40°C to 105 °C, the
accuracy decreases. To compensate for the influence of temperature on internal RC oscillators
accuracy, the STM32L0xx microcontrollers have built-in features to allow you to calibrate the HSI16,
MSI and HSI48 oscillators and measure the MSI and LSI (Low-Speed Internal) oscillator frequencies.
This application note focuses on how to calibrate internal RC oscillators: HSI16, MSI and HSI48.
Three methods are presented: the first method is based on finding the frequency with the minimum
error, the second one consists in finding the maximum allowed frequency error and the third one
implements a table of premeasured values and then only searches in it to for the appropriate change.
All three are implemented by providing an accurate reference signal.
The measurement of the LSI oscillator is performed by connecting the oscillator to a timer input
capture.
Note:
1
STM32L0xx refers to Ultra Low Power Access line, USB line and USB and LCD line devices in this
document.
2
Ultra Low Power Access line devices are STM32L051xx microcontrollers where the Flash memory
density ranges between 32 and 64 Kbytes.
3
Ultra Low Power USB line devices are STM32L052xx and STM32L062xx microcontrollers where the
Flash memory density ranges between 32 and 64 Kbytes.
4
Ultra Low Power USB and LCD line devices are STM32L053xx and STM32L063xx microcontrollers
where the Flash memory density ranges between 32 and 64 Kbytes.
Table 1. Applicable products and software
Type
Part Number
Microcontrollers
STM32L051C6, STM32L051C8, STM32L051K6, STM32L051K8, STM32L051R6, STM32L051R8,
STM32L052C6, STM32L052C8, STM32L052K6, STM32L052K8, STM32L052R6, STM32L052R8,
STM32L053C6, STM32L053C8, STM32L053R6, STM32L053R8
STM32L062K8
STM32L063C8, STM32L063R8
Software
X-CUBE-RC-CALIB
www.st.com


Similar Part No. - AN4631

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN463 MOTOROLA-AN463 Datasheet
111Kb / 8P
60HC05K0 Infra-red Remote Control
logo
STMicroelectronics
AN4630 STMICROELECTRONICS-AN4630 Datasheet
1Mb / 33P
PCB design guidelines for the BlueNRG and BlueNRG-MS devices
15-Jan-2015
AN4635 STMICROELECTRONICS-AN4635 Datasheet
806Kb / 34P
Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
22-Apr-2015
AN4638 STMICROELECTRONICS-AN4638 Datasheet
730Kb / 23P
The two-switch forward converter
17-Feb-2015
More results

Similar Description - AN4631

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
IttyBitty??RC Timer / Oscillator
logo
Exar Corporation
TAN-16 EXAR-TAN-16 Datasheet
42Kb / 6P
How to Generate a 1.544MHz (or 2.048MHz) Clock Signal from an 8kHz Reference Clock
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_10 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
logo
STMicroelectronics
AN1530 STMICROELECTRONICS-AN1530 Datasheet
75Kb / 12P
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
07-Jan-2002
AN1605 STMICROELECTRONICS-AN1605 Datasheet
93Kb / 7P
USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
AN3057 STMICROELECTRONICS-AN3057 Datasheet
419Kb / 15P
How to manage simultaneous
24-Oct-2012
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
RC oscillator on chip
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
RC oscillator on chip
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com