Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4631 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4631
Description  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 17Page - STMicroelectronics AN4631 Datasheet HTML 18Page - STMicroelectronics AN4631 Datasheet HTML 19Page - STMicroelectronics AN4631 Datasheet HTML 20Page - STMicroelectronics AN4631 Datasheet HTML 21Page - STMicroelectronics AN4631 Datasheet HTML 22Page - STMicroelectronics AN4631 Datasheet HTML 23Page - STMicroelectronics AN4631 Datasheet HTML 24Page - STMicroelectronics AN4631 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DocID027266 Rev 2
21/30
Internal RC oscillator calibration
29
2.3.6
HSI16/MSI calibration using calibration curve
Both previous methods (minimal and fixed error) can take quit long because many
measurements (32 for HIS when minimal error method used) need to be run. First, for all
trimming values, the difference between the corresponding and the requested frequency is
measured and stored in a table. It uses in fact the same principle as minimal error method.
When it’s later necessary to calibrate internal oscillator function
HSI16_CalibrateCurve()
measures only once actual frequency and searches in the
table appropriate value to compensate the difference.
In case of an MSI calibration, the MSI_GetCurve() and MSI_CalibrateCurve()
functions should be used instead of HSI16_GetCurve() and
HSI16_calibrateCurve()
.
2.4
Recommendations on the use of the calibration library
1.
If external signal frequency is lower than system clock / 65535, the TIM21 counter
prescaler should be used to support low frequencies.
2.
If external signal frequency is higher than system clock / 100, TIM21 input capture
prescaler (divider) should be used to support high frequencies.
3.
It is recommended to stop all application activities before the calibration process, and
to restart them after calling the calibration functions.
The application therefore has to stop communications, ADC measurements and other
processes (except when using the ADC for the calibration, refer to Step 5. below).
These processes normally use clock configurations that are different from those used
in the calibration process. Otherwise, errors might be introduced in the application:
errors while reading/sending frames, ADC reading errors since the sampling time has
changed, and so on.
4.
The internal RC oscillator calibration firmware uses the following peripherals: Reset
and Clock Control (for trimming internal RC oscillators), Timer 21 (for measuring
internal RC oscillators). Therefore, it is recommended to reconfigure these peripherals
(if used in the application) after running the calibration routine.
5.
Real-time calibration vs. temperature can be used when the ambient temperature
changes noticeably while the application is running. The internal temperature sensor
can be used with the ADC watchdog with two thresholds. Each time an ADC watchdog
interrupt occurs, a new calibration process has to be performed and the two thresholds
are updated according to the current temperature (this feature is not implemented in
the firmware provided with this application note):
Threshold_High = CurrentTemperatureValue + TemperatureOffset
Threshold_Low = CurrentTemperatureValue – TemperatureOffset
6.
It might happen that with change of operation conditions (e.g. surrounding
temperature) the calibration curve can change. From this reason it’s recommended to
measure from time to time (or when the condition change) again to keep working with
correct values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com