Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4631 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4631
Description  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 6Page - STMicroelectronics AN4631 Datasheet HTML 7Page - STMicroelectronics AN4631 Datasheet HTML 8Page - STMicroelectronics AN4631 Datasheet HTML 9Page - STMicroelectronics AN4631 Datasheet HTML 10Page - STMicroelectronics AN4631 Datasheet HTML 11Page - STMicroelectronics AN4631 Datasheet HTML 12Page - STMicroelectronics AN4631 Datasheet HTML 13Page - STMicroelectronics AN4631 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Internal RC oscillator calibration
10/30
DocID027266 Rev 2
Figure 4. TRIM monotonicity
2.1
Calibration principle
The calibration principle consists in:
1.
Setting the internal RC oscillator (that needs to be calibrated) as system clock,
2.
Measuring the internal RC oscillator (HSI16 or MSI) frequency for each trimming value,
3.
Computing the frequency error for each trimming value,
4.
Finally, setting the trimming bits with the optimum value (corresponding to the lowest
frequency error).
The internal oscillator frequency is not measured directly but is computed from the number
of clock pulses counted using a timer compared with the typical value. To do this, a very
accurate reference frequency must be available such as the LSE frequency provided by the
external 32.768 kHz crystal or the 50 Hz/60 Hz of the mains (refer to Section 2.2.2: Case
where another source is used as the reference frequency).
The following figure shows how the reference signal period is measured in number of timer
counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com