Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4635 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 11Page - STMicroelectronics AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics AN4635 Datasheet HTML 14Page - STMicroelectronics AN4635 Datasheet HTML 15Page - STMicroelectronics AN4635 Datasheet HTML 16Page - STMicroelectronics AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DocID027290 Rev 1
15/34
AN4635
Power consumption comparison
33
6.1
Stop vs. Sleep mode
The first comparison deals with the difference between the Sleep and Stop modes.
While waiting for the incoming communication, the device wants to minimize the power
consumption. The black line in Figure 2 represents debug configuration with device waiting
in Sleep mode. Using the LSE clock and LPUART peripheral the Stop mode can be
employed up to speed of 9600 baud, this is the green line. Finally, with purple line we can
see the absolute minimum current absorbed in Stop mode where the debug lines are
configured as analog input and the device is using the ULP + FWU combination.
Figure 2. Stop vs. Sleep mode
Table 4. Configurations - Stop vs. Sleep mode
Curve in Figure 2
Black
Green
Purple
Idle mode between
transmissions
Sleep
Stop
JTAG interface
ON
OFF
Current average
over phases 2, 3 and 4
18.35 µA
17.66 µA
16.99 µA
Clock
500 kHz MSI
Voltage regulator
Range 3
ULP/FWU
+/+
AHB/APB ratio
1/1
Baud rate
9600
SW used
Interrupt operation (Com IT) with defines RXSLEEP and TXSLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com