Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4635 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics AN4635 Datasheet HTML 14Page - STMicroelectronics AN4635 Datasheet HTML 15Page - STMicroelectronics AN4635 Datasheet HTML 16Page - STMicroelectronics AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Power consumption comparison
AN4635
16/34
DocID027290 Rev 1
6.2
Short periods of Sleep mode and Low power run
While under most circumstances it is worthwhile using WFE to put the core to suspended
mode while waiting for a flag or event, it may also work against the effort of optimizing the
power consumption in some cases. When the core clock speed is just enough to perform
the requested operation, adding WFE instruction may actually increase the power
consumption a bit. Consider using the low power run regulator mode instead. The low power
run effect is terminated with each wakeup from either Stop or Sleep mode, but until that
wakeup it saves a lot of energy.
In Figure 3 the red line represents configuration where the execution in low power mode is
terminated by the code that goes to Sleep mode after each byte transmission. The green
line is a code that runs with voltage regulator set to range 3 and makes no attempts to use
Sleep mode during transmission. Finally the black line is the power consumption of a code
that stays in LPRUN until it goes to Stop mode after finishing the transmission. All three
codes then use the regulator range 3 along with Sleep mode after each byte during
reception phase. It is worth noting that in case of such a short time in Stop mode it would be
more efficient to leave the code in LPRUN all the time.
Figure 3. Sleep mode vs. LPRUN
Table 5. Configurations - Sleep mode vs. LPRUN
Curve in Figure 3
Black
Green
Red
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
7.67 µA
8.78 µA
9.36 µA
Clock
130 kHz MSI
Voltage regulator
LPRUN, then range 3
Range 3
AHB/APB ratio
1/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com