Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4635 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics AN4635 Datasheet HTML 28Page - STMicroelectronics AN4635 Datasheet HTML 29Page - STMicroelectronics AN4635 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Power consumption comparison
AN4635
26/34
DocID027290 Rev 1
Note:
The timing is slightly different for the 2 cases. This is a common problem when MSI is used
to clock the LPUART peripheral. MSI clock is generally less precise than LSE or even HSI.
6.10
Wakeup from Stop mode on HSI
Another option to use with higher communication speed is to exploit the feature of wakeup
from Stop mode with peripheral being clocked from the HSI clock (see Figure 11).
The HSI oscillator draws approximately as much current in combination with the Stop mode
as the MSI at 2 MHz requires in Sleep mode. It is however more precise and with provides
the core with more processing power in run mode.
Voltage regulator
Range 1
AHB/APB ratio
1/1
ULP/FWU
+/+
Baud rate
57600
SW used
Interrupt operation (Com IT)
modified with USART on SYSCLK
Interrupt operation (Com IT)
modified with LPUART on SYSCLK
Table 12. Configurations - Higher communication speed (continued)
Curve in Figure 10
Black
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com