Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4651 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4651
Description  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 13Page - STMicroelectronics AN4651 Datasheet HTML 14Page - STMicroelectronics AN4651 Datasheet HTML 15Page - STMicroelectronics AN4651 Datasheet HTML 16Page - STMicroelectronics AN4651 Datasheet HTML 17Page - STMicroelectronics AN4651 Datasheet HTML 18Page - STMicroelectronics AN4651 Datasheet HTML 19Page - STMicroelectronics AN4651 Datasheet HTML 20Page - STMicroelectronics AN4651 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DocID027426 Rev 1
17/34
AN4651
Interconnection descriptions
33
3.3
From ADC to TIM
ADCx (x=1 to 4) provides the trigger event through watchdog signals to advanced-control
timers (TIM1/TIM8/TIM20).
The output (from ADC) is on signals ADCx_AWDy_OUT (x = 1 to 4, y = 1 to 3 as there are
three analog watchdogs per ADC) and the input (to timer) on signal TIMx_ETR (external
trigger).
ADCx_AWDy_OUT is activated when the associated analog watchdog is enabled. This
internal hardware signal is set when a guarded conversion is outside the programmed
thresholds.
ADCx_AWDy_OUT signal is reset after the end of the next guarded conversion which is
inside the programmed thresholds or when disabling the ADC (when setting ADDIS=1).
TIMx_ETR is connected to ADCx_AWDy_OUT through bits in TIMx_OR registers. Figure 2
details the connections between TIMx and ADCx analog watchdogs.
Table 4. TIM1/8/20_ETR connection to ADCx analog watchdogs(1)
1.
x means that there is a connection. Table cells with gray shading indicate that there is no connection.
TIM1
TIM8
TIM20
ADC1
x
ADC2
x
ADC3
xx
ADC4
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com