Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4651 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4651
Description  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 26Page - STMicroelectronics AN4651 Datasheet HTML 27Page - STMicroelectronics AN4651 Datasheet HTML 28Page - STMicroelectronics AN4651 Datasheet HTML 29Page - STMicroelectronics AN4651 Datasheet HTML 30Page - STMicroelectronics AN4651 Datasheet HTML 31Page - STMicroelectronics AN4651 Datasheet HTML 32Page - STMicroelectronics AN4651 Datasheet HTML 33Page - STMicroelectronics AN4651 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DocID027426 Rev 1
31/34
AN4651
Interconnection descriptions
33
3.24
From OPAMP to HRTIM1
The OPAMP2_VOUT can be used as a HRTIM1 internal event source connected to
HRTIM1_EEV4 or HRTIM1_EEV9.
In this case, the software must set OPAMP2_DIG as of PA6 alternate function (AF13) to
redirect OPAMP2_VOUT signal to the HRTIM1 external events through the Schmitt trigger.
3.25
From TIM to HRTIM1
The table below summarizes the list of possible connections between timers and HRTIM1.
3.26
From HRTIM1 to ADC
The high resolution timer can be used to generate an ADC trigger event.
The output from HRTIM1 is on signal HRTIM1_ADCTRG1/2/3/4.
The input (to ADC) is on signal EXT[15:0] for regular channels and JEXT[15:0] for injected
ones.
Table 19 details the connection between HRTIM1 and ADCs.
Table 18. Internal signals from timers to HRTIM1
Timer signal
HRTIM1 signal
Description
TIM1_TRGO
HRTIM1_EEV1
Internal event
TIM2_TRGO
HRTIM1_EEV2
Internal event
TIM3_TRGO
HRTIM1_EEV3
Internal event
TIM6_TRGO
HRTIM1_EEV6
Internal event
UPD_EN3
Update enable 3
TIM7_TRGO
HRTIM1_EEV7
Internal event
BMTRIG
Burst mode trigger event
BMCLK3
Burst mode clock
TIM15_TRGO
HRTIM1_EEV9
Internal event
TIM16_OC
UPD_EN1
Update enable 1
BMCLK1
Burst mode clock
TIM17_OC
UPD_EN2
Update enable 2
BMCLK2
Burst mode clock
Table 19. Internal signals from HRTIM1 to ADCs
ADC1/2 regular channels
ADC1/2 injected channels
HRTIM1
HRTIM1_ADCTRG1 event
HRTIM1_ADCTRG3 event
HRTIM1_ADCTRG2 event
HRTIM1_ADCTRG4 event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com