Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1201 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN1201
Description  To ease the development of STM32 microcontroller applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1201 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN1201 Datasheet HTML 2Page - STMicroelectronics TN1201 Datasheet HTML 3Page - STMicroelectronics TN1201 Datasheet HTML 4Page - STMicroelectronics TN1201 Datasheet HTML 5Page - STMicroelectronics TN1201 Datasheet HTML 6Page - STMicroelectronics TN1201 Datasheet HTML 7Page - STMicroelectronics TN1201 Datasheet HTML 8Page - STMicroelectronics TN1201 Datasheet HTML 9Page - STMicroelectronics TN1201 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Peripheral migration
TN1201
6/13
DocID027299 Rev 1
3
Peripheral migration
Table 3 lists the main product peripherals and system features for both product sets. The
common peripherals are supported with the dedicated firmware library (from version 1.3.0)
without any modification. Users can change the instance and all the related features (clock
configuration, pin configuration, interrupt/DMA request).
The main peripherals changes are described in Section 3.1: Main peripherals/system
changes. The changes which are also needed in the development tools configuration are
described in Section 4: Development tool adaptations.
Table 3 presents the differences between STM32L15/6xxD and STM32L15/6xVD-X devices
regarding the peripherals and system differences, as well as the impact on the software.
Table 3. STM32L15/6xxD and STM32L15/6xVD-X device difference summary
Function
STM32L15/6xxD
STM32L15/6xVD-X
Behavior / impact to software
Core @ 32MHz
ARM® Cortex®-M3
ARM ®Cortex®-M3
-
Max DMIPS/MHz
1.25
1.25
-
Flash [KB]
Dual bank
2 x 192 KB
Dual bank
2 x 192 KB
-
RAM [KB]
48
80
Enhancement. The application can
use larger RAM memory space.
EEPROM [KB]
Dual bank
2 x 6 KB
Dual bank
2 x 8 KB
Enhancement. The application can
use larger EEPROM memory space.
Backup registers [B]
128
128
-
Flash interface [bits]
64/32
64/32
-
Bootloader
USART/USB
USART/USB
-
DMA / channels
2 / 12ch
2 / 12ch
-
USART/UART
3 / 2
3 / 2
-
SPI / I2S
3 / 2
3 / 2
-
I2C
22
-
USB 2.0
1 x FS
1 x FS
-
LCD [seg x com]
8 x 40
8 x 40
-
LCD rails decoupling
NO
NO
-
TIMER
[32-bit/16-bit/Lite]
1/6/2
1/6/2
-
IWDG/WWDG
1/1
1/1
-
Clock
HSI/HSE/LSI/LSE
CSS on HSE/LSE
HSI/HSE/LSI/LSE
CSS on HSE/LSE
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com