Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1201 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN1201
Description  To ease the development of STM32 microcontroller applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1201 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN1201 Datasheet HTML 5Page - STMicroelectronics TN1201 Datasheet HTML 6Page - STMicroelectronics TN1201 Datasheet HTML 7Page - STMicroelectronics TN1201 Datasheet HTML 8Page - STMicroelectronics TN1201 Datasheet HTML 9Page - STMicroelectronics TN1201 Datasheet HTML 10Page - STMicroelectronics TN1201 Datasheet HTML 11Page - STMicroelectronics TN1201 Datasheet HTML 12Page - STMicroelectronics TN1201 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID027299 Rev 1
11/13
TN1201
Consumption comparison
12
5
Consumption comparison
The STM32L15/6xVD-X devices feature less dynamic consumption than the
STM32L15/6xxD devices, due to the advanced manufacturing technology. The power
consumptions in low-power modes are on similar levels.
Table 4 shows the differences in power consumption between the devices in the various
operating modes.
Table 4. Consumption difference summary
Parameters (all at VDD=3V)
STM32L15/6xxD
STM32L15/6xVD-X
Full speed from flash (32 MHz in HSI)
325 µA/MHz
270 µA/MHz
MSI clock from flash (4.2 MHz)
230 µA/MHz
195 µA/MHz
Low-power Run from RAM @ 32 kHz
12.5 µA
11.0 µA
Low-power sleep from RAM @ 32 kHz
6.1 µA
5.5 µA
Stop mode
476 nA
560 nA
Stop mode with RTC on LSI
1.35 µA
1.40 µA
Standby mode
305 nA
290 nA
Standby mode with RTC on LSI
1.16 µA
1.04 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com