Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1201 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TN1201
Description  To ease the development of STM32 microcontroller applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1201 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TN1201 Datasheet HTML 4Page - STMicroelectronics TN1201 Datasheet HTML 5Page - STMicroelectronics TN1201 Datasheet HTML 6Page - STMicroelectronics TN1201 Datasheet HTML 7Page - STMicroelectronics TN1201 Datasheet HTML 8Page - STMicroelectronics TN1201 Datasheet HTML 9Page - STMicroelectronics TN1201 Datasheet HTML 10Page - STMicroelectronics TN1201 Datasheet HTML 11Page - STMicroelectronics TN1201 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Peripheral migration
TN1201
8/13
DocID027299 Rev 1
3.1
Main peripherals/system changes
Some system properties and peripherals configuration are changed in the
STM32L15/6xVD-X device. The following sections describe these changes.
3.1.1
Memory space increase
The memory areas are increased in the STM32L15/6xVD-X device as follows:
•
RAM: from 48 KB to 80 KB
•
EEPROM: from 12 KB to 16 KB
The memory increases permit to use STM32L15/6xVD-X device in more complex
applications.
3.1.2
FSMC removal
The flexible static memory controller (FSMC) is not present in the STM32L15/6xVD-X
device. The software and hardware must be adapted when migrating to STM32L15/6xVD-X
device in case the FSMC peripheral is used in the hardware design using the
STM32L15/6xxD device.
3.1.3
SDIO removal
The secure digital input/output interface (SDIO) is not present in the STM32L15/6xVD-X
device. The software and hardware must be adapted when migrating to STM32L15/6xVD-X
device in case the SDIO peripheral is used in the hardware design using the
STM32L15/6xxD device.
3.1.4
OPAMP3 removal
One operational amplifier (OPAMP3) is not present in the STM32L15/6xVD-X device. The
software and hardware must be adapted when migrating to STM32L15/6xVD-X device in
case the OPAMP3 peripheral is used in the hardware design using the STM32L15/6xxD
device.
3.2
Device limitation changes/updates
The errata sheet on STM32L15/6xVD-X devices is available on the company website at
www.st.com. Several limitations that had been reported for the STM32L15/6xxD have been
solved, while other limitations have been introduced. This section describes the changes in
the device limitations.
Please refer to STM32L15/6xxD errata sheet and STM32L15/6xVD-X errata sheet for
details on the device limitations.
3.2.1
STM32L15/6xxD specific limitations
The following limitations that apply to STM32L15/6xxD devices do not apply to
STM32L15/6xVD-X devices:
•
Missing analog switch on GPIO PC10,
•
Pull-up on PB7 when configured in analog mode,
•
Debugging Stop mode with WFE entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com