Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1759 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 7Page - STMicroelectronics UM1759 Datasheet HTML 8Page - STMicroelectronics UM1759 Datasheet HTML 9Page - STMicroelectronics UM1759 Datasheet HTML 10Page - STMicroelectronics UM1759 Datasheet HTML 11Page - STMicroelectronics UM1759 Datasheet HTML 12Page - STMicroelectronics UM1759 Datasheet HTML 13Page - STMicroelectronics UM1759 Datasheet HTML 14Page - STMicroelectronics UM1759 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DocID026279 Rev 1
11/50
UM1759
Hardware description
50
Figure 8. STEVAL-IKR002Vx (RF motherboard)
3.1.1
Microcontroller and connections
The board has an STM32L151RB microcontroller. It’s an ultra-low-power microcontroller
with 128 KB of flash memory, 16 KB of RAM, 32-bit core ARM cortex-M3, 4 KB of data
EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC, DAC and comparators.
The microcontroller is connected to different components including buttons, LEDs and
connectors for external circuitry.
3.1.2
Power
The board can be powered either by the mini USB connector CN1 (area A in Figure 8) or by
two AAA batteries. To power the board via the USB bus, place jumper JP1 in position 1-2
(area B in Figure 8). To power the board with batteries, place two AAA batteries in the
battery holder at the rear of the board and set jumper JP1 to position 2-3.
When the board is powered, the green LED DL6 is ON (area C in Figure 8).
The board can also be powered by an external DC power supply. Connect the positive
output of the power supply to the central pin of JP1 (pin 2) and the ground to one of the four
test point connectors on the motherboard.
3.1.3
Sensors
Two sensors are available on the motherboard:
•
LIS3DH; an ultra-low power, high performance three-axes linear accelerometer (area D
in Figure 8). The sensor is connected to the STM32L through the SPI interface. Two
lines for interrupts are also connected.
•
STLM75; a high-precision digital CMOS temperature sensor, with I2C interface (area E
in Figure 8). The pin for the alarm function is connected to one of the STM32L GPIOs.
3.1.4
Extension connector
You can solder a connector on the motherboard to extend its functionality (area F in
Figure 8). 16 pins of the microcontroller are connected to this expansion slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com