Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1759 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 14Page - STMicroelectronics UM1759 Datasheet HTML 15Page - STMicroelectronics UM1759 Datasheet HTML 16Page - STMicroelectronics UM1759 Datasheet HTML 17Page - STMicroelectronics UM1759 Datasheet HTML 18Page - STMicroelectronics UM1759 Datasheet HTML 19Page - STMicroelectronics UM1759 Datasheet HTML 20Page - STMicroelectronics UM1759 Datasheet HTML 21Page - STMicroelectronics UM1759 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Hardware description
UM1759
18/50
DocID026279 Rev 1
3.4
STEVAL-IKR001Vx
The SPIRIT1 DK is made up of two units connected to one PC or two PCs with USB cables.
Each unit is composed of an antenna for the selected band and two PCBs:
•
RF motherboard
•
RF module
3.4.1
STEVAL-IKR001Vx (RF motherboard)
The previous version of the motherboard is supported. The supply voltage is provided or by
USB cable or by external power supply. The switch S1 turns on or off the SPIRIT1 DK - MB.
Figure 14 highlights some features of the board as follow:
1.
The power supply sources: USB connector and jack connector for external power
supply. USB connector is used also for I/O with the microcontroller with a virtual COM
port exposed to the PC.
2.
Switch to turn ON or OFF the board.
3.
JTAG/SWD connector.
4.
Three button and a joystick:
a)
SCM_PS, not used
b)
RESET, for resetting the MB board
c)
Push_Button, used to enter in DFU mode
d)
Joystick, not used
5.
Test point (TP), to probe the SPI signals, the 4 GPIOs of the SPIRIT1, the shutdown of
the SPIRIT1 (SDN), the supply voltage of the SPIRIT1 (VCCRF). The list of signals
available is:
a)
GND
b)
VCC_RF
c)
GPIO SDN (the pin to drive in SHUTDOWN the SPIRIT1)
d)
SPI CSn
e)
SPI MISO
f)
SPI MOSI
g)
SPI SCKL
h)
SPIRIT1 GPIO2
i)
SPIRIT1 GPIO3
j)
SPIRIT1 GPIO1
k)
SPIRIT1 GPIO0
l)
GND
m)
Five LEDs
n)
SMA connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com