Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1759 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 42Page - STMicroelectronics UM1759 Datasheet HTML 43Page - STMicroelectronics UM1759 Datasheet HTML 44Page - STMicroelectronics UM1759 Datasheet HTML 45Page - STMicroelectronics UM1759 Datasheet HTML 46Page - STMicroelectronics UM1759 Datasheet HTML 47Page - STMicroelectronics UM1759 Datasheet HTML 48Page - STMicroelectronics UM1759 Datasheet HTML 49Page - STMicroelectronics UM1759 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
DocID026279 Rev 1
47/50
UM1759
Running the Wireless M-Bus application
50
displays the concentrator database in “Edit Meter” section. The concentrator database
contains Meter IDs and corresponding encryption keys.
By default values (Meter ID and Encryption Key) for three meters are stored in concentrator
database. If encryption is enabled and any of these three meters comes online the
concentrator will talk to them using encryption key allotted to them. Same encryption keys
are also preset in meter firmware for:
a)
DEVICE_METER_TYPE = 0x02 (Electricity meter)
b)
DEVICE_METER_TYPE = 0x03 (Gas meter)
c)
DEVICE_METER_TYPE = 0x04 (Heat meter)
Concentrator database can contain values (Meter ID and Encryption Key) for ten meters at
most.
User can add a new meter to concentrator database by using “Add Meter” section. User
must enter meter ID, device type, encryption key, entry no. (entry no. corresponds to
sequential EEPROM addresses of concentrator data base). After entering all details for
meter, “Add” button should be pressed.
Figure 35. A view of concentrator database



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com