Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 41Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 42Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 43Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 44Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 45Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 46Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 47Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 48Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
ispMACH 4A Family
45
100-PIN TQFP CONNECTION DIAGRAM (M4A(3,5)-96/48)
Top View
100-Pin TQFP
PIN DESIGNATIONS
CLK/I = Clock or Input
GND = Ground
I
= Input
I/O
= Input/Output
VCC
= Supply Voltage
NC
= No Connect
TDI
= Test Data In
TCK
= Test Clock
TMS
= Test Mode Select
TDO
= Test Data Out
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
NC
TDI
NC
NC
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I0/CLK0
VCC
GND
I1/CLK1
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
NC
NC
TMS
TCK
NC
A1
A0
B0
B1
B2
B3
B4
B5
B6
B7
C0
C1
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
TDO
NC
NC
NC
I/O41
I/O40
I/O39
I/O38
I/O37
I/O36
I5/CLK3
GND
VCC
I4/CLK2
I/O35
I/O34
I/O33
I/O32
I/O31
I/O30
NC
NC
NC
NC
F1
F0
E0
E1
E2
E3
E4
E5
E6
E7
D0
D1
17466G-029
I/O Cell
PAL Block
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com