Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 31Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 32Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 33Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 34Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 35Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 36Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 37Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 38Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
ispMACH 4A Family
35
BLOCK DIAGRAM - M4A3-512/160, M4A3-512/192, M4A3-512/256
Block B
CLK0–CLK3
Block A
Block OX
Block PX
Block C
Block F
Block D
Block E
Block NX
Block KX
Block MX
Block LX
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
8
16
8
4
16
24
8
16
16
36
4
4
8
24
36
4
8
8
16
16
4
4
16
16
8
24
36
4
8
8
16
16
4
4
16
16
4
4
8
36
24
16
16
8
16
8
4
16
4
4
36
24
16
16
8
16
16
4
8
8
4
4
36
24
16
16
8
16
16
4
8
8
4
4
8
36
24
16
16
8
16
8
4
16
8
16
8
4
16
24
8
16
16
36
4
4
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
I/O Cells
Macrocells
72 X 90
AND Logic Array
and Logic Allocator
Output Switch
Matrix
8
16
8
4
16
24
8
16
16
36
4
4
8
24
36
4
8
8
16
16
4
4
16
16
8
24
36
4
8
8
16
16
4
4
16
16
4
4
8
36
24
16
16
8
16
8
4
16
4
4
36
24
16
16
8
16
16
4
8
8
4
4
36
24
16
16
8
16
16
4
8
8
4
4
8
36
24
16
16
8
16
8
4
16
8
16
8
4
16
24
8
16
16
36
4
4
Block G
Block J
Block H
Block I
Block JX
Block GX
Block IX
Block HX
Block K
Block N
Block L
Block M
Block FX
Block CX
Block EX
Block DX
Detail A
Repeat Detail A
Repeat Detail A
Block P
Block O
Block AX
Block BX
4
4
4
17466G-068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com