Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1113 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1113 Datasheet HTML 4Page - Linear Technology LT1113 Datasheet HTML 5Page - Linear Technology LT1113 Datasheet HTML 6Page - Linear Technology LT1113 Datasheet HTML 7Page - Linear Technology LT1113 Datasheet HTML 8Page - Linear Technology LT1113 Datasheet HTML 9Page - Linear Technology LT1113 Datasheet HTML 10Page - Linear Technology LT1113 Datasheet HTML 11Page - Linear Technology LT1113 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1113
–12 –10 –8
–2
0
4
6
8
–4
0
10
20
30
40
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
1113 G19
VS = ±15V
150 OP AMPS
75 J8
2
–6
Distribution of Offset Voltage Drift
with Temperature (J8)
Distribution of Offset Voltage Drift
with Temperature (N8, S8)
–25 –20 –15
0
5
15
20 25
–5
0
10
20
30
40
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
1113 G20
VS = ±15V
10
–10
356 OP AMPS
100 N8
78 S8
THD and Noise vs Frequency for
Noninverting Gain
FREQUENCY (Hz)
10
0
20
60
80
120
160
100
10k
100k
10M
1113 G24
1k
1M
40
100
140
VS = ±15V
RL = 1k
VO = 10VP-P
TA = 25°C
LIMITED BY
THERMAL INTERACTION
LIMITED BY
PIN-TO-PIN
CAPACITANCE
Channel Separation vs Frequency
THD and Noise vs Output
Amplitude for Noninverting Gain
THD and Noise vs Output
Amplitude for Inverting Gain
* See LT1115 data sheet for definition of CCIF testing.
Warm-Up Drift
FREQUENCY (Hz)
20
1k
10k
20k
1113 G23
100
ZL = 2k15pF
VO = 20VP-P
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = –1
1
0.1
0.01
0.001
0.0001
AV = –100
AV = –10
NOISE FLOOR
THD and Noise vs Frequency for
Inverting Gain
FREQUENCY (Hz)
20
1k
10k
20k
1113 • G22
100
1
0.1
0.01
0.001
0.0001
ZL = 2k15pF
VO = 20VP-P
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
NOISE FLOOR
AV = 1
AV = 100
AV = 10
OUTPUT SWING (VP-P)
1
0.1
0.01
0.001
0.0001
0.3
10
30
1113 • G25
1
AV = 1
ZL = 2k15pF, fO = 1kHz
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = 100
AV = 10
NOISE FLOOR
0.001
OUTPUT SWING (VP-P)
20m
1
30
1113 • G27
0.1
0.0001
VS = ±15V
RL = 2k
TA = 25°C
0.01
0.1
10
AV = ±10
CCIF IMD Test (Equal Amplitude
Tones at 13kHz, 14kHz)*
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
OUTPUT SWING (VP-P)
1
0.1
0.01
0.001
0.0001
0.3
10
30
1113 • G26
1
ZL = 2k15pF, fO = 1kHz
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = –1
AV = –100
AV = –10
NOISE FLOOR
TIME AFTER POWER ON (MINUTES)
0
500
400
300
200
100
0
12
3
5
1113 G21
4
VS = ±15V
TA = 25°C
S8 PACKAGE
J8 PACKAGE
N8 PACKAGE
IN STILL AIR (S8 PACKAGE
SOLDERED ONTO BOARD)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com