Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1113 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1113 Datasheet HTML 2Page - Linear Technology LT1113 Datasheet HTML 3Page - Linear Technology LT1113 Datasheet HTML 4Page - Linear Technology LT1113 Datasheet HTML 5Page - Linear Technology LT1113 Datasheet HTML 6Page - Linear Technology LT1113 Datasheet HTML 7Page - Linear Technology LT1113 Datasheet HTML 8Page - Linear Technology LT1113 Datasheet HTML 9Page - Linear Technology LT1113 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1113
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
FREQUENCY (Hz)
1
1
10
100
100
10k
1113 G03
10
1k
1/f CORNER
120Hz
TYPICAL
TA = 25°C
VS = ±15V
Voltage Noise vs Frequency
Input Bias and Offset Currents
Over the Common-Mode Range
Common-Mode Limit vs
Temperature
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
1113 G09
1M
10M
TA = 25°C
+PSRR
–PSRR
FREQUENCY (Hz)
120
100
80
60
40
20
0
1k
100k
1M
10M
1113 G08
10k
TA = 25°C
VS = ±15V
Common-Mode Rejection Ratio
vs Frequency
1kHz Output Voltage Noise
Density vs Source Resistance
SOURCE RESISTANCE (
Ω)
10k
1k
100
10
1
100
10k
100k
1M
1k
10M
1113 G02
100M 1G
–
+
VN
RSOURCE
TA = 25°C
VS = ±15V
VN
SOURCE
RESISTANCE
ONLY
Voltage Noise vs
Chip Temperature
TEMPERATURE (
°C)
–75
10
9
8
7
6
5
4
3
2
1
0
–25
50
75
1113 G04
–50
25
100 125
0
VS = ±15V
TEMPERATURE (
°C)
–75
100n
30n
10n
3n
1n
300p
100p
30p
10p
3p
1p
–25
50
75
1113 G04
–50
25
100 125
0
VS = ±15V
IB, VCM = 10V
IOS, VCM = 0V
IB, VCM = 0V
IOS, VCM = 10V
Input Bias and Offset Currents vs
Chip Temperature
TIME (SEC)
0
8
1113 G01
2
4
6
10
0.1Hz to 10Hz Voltage Noise
TEMPERATURE (
°C)
–60
V+ –0
–0.5
–1.0
–1.5
–2.0
4.0
3.5
3.0
2.5
V– +2.0
100
1113 G07
–20
20
60
140
V+ = 5V TO 20V
V – = –5V TO –20V
COMMON-MODE RANGE (V)
–15
400
300
200
100
0
–10
–5
0
5
1113 G06
10
15
TA = 25°C
VS = ±15V
NOT WARMED UP
OFFSET CURRENT
BIAS CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com