Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1113 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 5 Page - Linear Technology

  LT1113 Datasheet HTML 1Page - Linear Technology LT1113 Datasheet HTML 2Page - Linear Technology LT1113 Datasheet HTML 3Page - Linear Technology LT1113 Datasheet HTML 4Page - Linear Technology LT1113 Datasheet HTML 5Page - Linear Technology LT1113 Datasheet HTML 6Page - Linear Technology LT1113 Datasheet HTML 7Page - Linear Technology LT1113 Datasheet HTML 8Page - Linear Technology LT1113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1113
ELECTRICAL C
C
HARA TERISTICS
LT1113AM
LT1113M
SYMBOL PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10k
q
800
2700
700
2500
V/mV
VO = ±10V, RL = 1k
q
400
1500
300
1000
V/mV
VOUT
Output Voltage Swing
RL = 10k
q
±13.0 ±12.5
±12.5 ±12.5
V
RL = 1k
q
±11.5 ±12.0
±11.0 ±12.0
V
SR
Slew Rate
RL ≥ 2k (Note 9)
q
1.9
3.3
1.6
3.3
V/
µs
GBW
Gain Bandwidth Product
fO = 100kHz
q
2.2
3.4
2.2
3.4
MHz
IS
Supply Current Per Amplifier
q
5.30
6.35
5.30
6.55
mA
VS = ± 5V
q
5.25
6.30
5.25
6.50
mA
∆VOS
Offset Voltage Match
q
1.0
5.0
1.0
5.5
mV
∆IB+
Noninverting Bias Current Match
q
1.8
12
2.0
20
nA
∆CMRR Common Mode Rejection Match (Note 11)
q
75
92
73
92
dB
∆PSRR Power Supply Rejection Match (Note 11)
q
76
91
74
91
dB
The q denotes specifications which apply over the temperature range – 55
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V,
unless otherwise noted. (Note 12)
Note 1: Absolute Maximum Ratings are those values beyond which the
life of the device may be impaired.
Note 2: The LT1113C is guaranteed functional over the Operating
Temperature Range of –40
°C to 85°C. The LT1113M is guaranteed
functional over the Operating Temperature Range of – 55
°C to 125°C.
Note 3: The LT1113C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1113C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. For guaranteed I grade parts, consult the
factory. The LT1113M is guaranteed to meet specified performance from
–55
°C to 125°C.
Note 4: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers, i.e., out of 100 LT1113s (200 op
amps) typically 120 op amps will be better than the indicated
specification.
Note 5: Warmed-up IB and IOS readings are extrapolated to a chip
temperature of 50
°C from 25°C measurements and 50°C characterization
data.
Note 6: Current noise is calculated from the formula:
in = (2qIB)
1/2
where q = 1.6 • 10 –19 coulomb. The noise of source resistors up to 200M
swamps the contribution of current noise.
Note 7: Input voltage range functionality is assured by testing offset
voltage at the input voltage range limits to a maximum of 2.3mV
(A grade) to 2.8mV (C grade).
Note 8: This parameter is not 100% tested.
Note 9: Slew rate is measured in AV = –1; input signal is ±7.5V, output
measured at
±2.5V.
Note 10: The LT1113 is designed, characterized and expected to meet
these extended temperature limits, but is not tested at –40
°C and 85°C.
Guaranteed I grade parts are available. Consult factory.
Note 11:
∆CMRR and ∆PSRR are defined as follows:
(1) CMRR and PSRR are measured in
µV/V on the individual
amplifiers.
(2) The difference is calculated between the matching sides in
µV/V.
(3) The result is converted to dB.
Note 12: The LT1113 is measured in an automated tester in less than
one second after application of power. Depending on the package used,
power dissipation, heat sinking, and air flow conditions, the fully
warmed-up chip temperature can be 10
°C to 50°C higher than the
ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com