Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1222
Description  500MHz Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology LT1222 Datasheet HTML 10Page - Linear Technology LT1222 Datasheet HTML 11Page - Linear Technology LT1222 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1222
TYPICAL APPLICATIONS N
VOS Null Loop
LT1222 • TA03
IN
V
100pF
LT1222
10k
100pF
+
–
LT1097
–
+
10k
VOUT
AV = 1001
25k
25
Ω
150k
1
8
150k
Two Op Amp Instrumemtation Amplifier
+
–
LT1220
GAIN = [R4/R3][1 + (1/2)(R2/R1 + R3/R4) + (R2 + R3)/R5] = 102
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON-MODE REJECTION
BW = 3MHz
VIN
VOUT
LT1222
LT1222 • TA04
R3
1k
R5
220
Ω
R4
10k
R2
1k
R1
10k
SI PLIFIED SCHE ATIC
6 OUT
LT1222 • SS
BIAS 2
COMP
BIAS 1
18
5
NULL
–IN
+IN 3
V –
7
V+
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com