Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1222
Description  500MHz Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 4 Page - Linear Technology

  LT1222 Datasheet HTML 1Page - Linear Technology LT1222 Datasheet HTML 2Page - Linear Technology LT1222 Datasheet HTML 3Page - Linear Technology LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1222
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common-Mode Range
vs Supply Voltage
Output Voltage Swing
vs Resistive Load
Output Short-Circuit Current
vs Temperature
Power Supply Rejection Ratio
vs Frequency
Open-Loop Gain
vs Resistive Load
Output Voltage Swing
vs Supply Voltage
Supply Current vs Supply Voltage
and Temperature
Input Bias Current
vs Input Common-Mode Voltage
Input Noise Spectral Density
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
LT1222 • TPC01
TA = 25°C
∆VOS = 0.5mV
+VCM
–VCM
SUPPLY VOLTAGE (±V)
0
5
6
7
8
9
10
11
510
15
20
LT1222 • TPC02
T = 125°C
T = 25°C
T = – 55°C
0
0
5
10
15
20
510
15
20
LT1222 • TPC03
+VSW
–VSW
SUPPLY VOLTAGE (±V)
TA = 25°C
RL = 500Ω
∆VOS = 30mV
LOAD RESISTANCE (
Ω)
10
0
10
20
25
30
100
1k
10k
LT1222 • TPC04
5
15
± 5V SUPPLIES
±15V SUPPLIES
TA = 25°C
∆VOS = 30mV
INPUT COMMON-MODE VOLTAGE (V)
–15
–500
0
500
05
15
LT1222 • TPC05
–10
– 5
10
–400
– 300
– 200
–100
100
200
300
400
IB
+
IB
–
VS = ±15V
TA = 25°C
LOAD RESISTANCE (
Ω)
10
70
80
100
110
120
100
1k
10k
LT1222 • TPC06
90
VS = ±5V
VS = ±15V
TA = 25°C
TEMPERATURE (°C)
–50
20
30
35
45
50
– 25
50
100
125
LT1222 • TPC07
25
40
025
75
VS = ±5V
FREQUENCY (Hz)
100
10
1000
10
1k
10k
100k
LT1222 • TPC08
1
100
10
1
100
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
en
in
FREQUENCY (Hz)
100
0
20
40
60
80
100
120
1k
100k
10M
100M
LT1222 • TPC09
10k
1M
VS = ±15V
TA = 25°C
–PSRR
+PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com