Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1222
Description  500MHz Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 5 Page - Linear Technology

  LT1222 Datasheet HTML 1Page - Linear Technology LT1222 Datasheet HTML 2Page - Linear Technology LT1222 Datasheet HTML 3Page - Linear Technology LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1222
TYPICAL PERFORMANCE CHARACTERISTICS
Common-Mode Rejection Ratio
vs Frequency
Voltage Gain and Phase
vs Frequency
Total Harmonic Distortion
vs Frequency
Slew Rate vs Temperature
Closed-Loop Output Impedance
vs Frequency
Output Swing and Error
vs Settling Time (Inverting)
Output Swing and Error
vs Settling Time (Noninverting)
Gain-Bandwidth vs Temperature
Frequency Response
vs Capacitive Load
FREQUENCY (Hz)
1k
0
20
40
60
80
100
120
100k
10M
100M
LT1222 • TPC10
10k
1M
VS = ±15V
TA = 25°C
SETTLING TIME (ns)
0
2
6
10
100
LT1222 • TPC11
–2
–6
0
4
8
–4
–8
–10
25
50
75
125
10mV
10mV
1mV
1mV
VS = ±15V
TA = 25°C
SETTLING TIME (ns)
0
2
6
10
100
LT1222 • TPC12
–2
–6
0
4
8
–4
–8
–10
25
50
75
125
10mV
10mV
1mV
1mV
VS = ±15V
TA = 25°C
40
80
120
100
FREQUENCY (Hz)
100
0
60
10k
1M
100M
LT1222 • TPC13
1k
100k
VS = ±15V
20
10M
20
60
100
80
–20
40
0
VS = ±5V
VS = ±15V
VS = ±5V
TA = 25°C
16
24
30
28
FREQUENCY (MHz)
1
10
20
100
LT1222 • TPC14
10
14
12
18
22
26
C = 1000pF
C = 100pF
C = 0
VS = ±15V
TA = 25°C
AV = –10
C = 50pF
C = 500pF
FREQUENCY (Hz)
0.01
0.1
1
10
10k
1M
10M
100M
LT1222 • TPC15
0.001
100k
VS = ±15V
TA = 25°C
AV = 10
550
TEMPERATURE (°C)
–50
400
125
LT1222 • TPC16
0
425
475
525
–25
75
VS = ±15V
500
450
25
50
100
275
TEMPERATURE (°C)
–50
125
125
LT1222 • TPC17
0
150
200
250
–25
75
225
175
25
50
100
VS = ±15V
AV = –10
CC = 0
SR =
(SR+) + (SR–)
2
FREQUENCY (Hz)
10
100
0.0001
0.001
0.01
1k
10k
100k
LT1222 • TPC18
VS = ±15V
VO = 3VRMS
RL = 500Ω
AV = ±10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com