Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1381 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 8 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1381
©LINEAR TECHNOLOGY CORPORATION 1993
TYPICAL APPLICATIO S
RELATED PARTS
1381fa, sn1381 LT/TP 1098 REV A 2K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1180A/LT1181A
5V 2-Driver/2-Receiver RS232 Transceivers
Pin Compatible with LT1280A/LT1280A
LT1280A/LT1281A
5V 2-Driver/2-Receiver RS232 Transceivers
Pin Compatible with LT1180A/LT1181A
LT1780/LT1781
5V 2-Driver/2-Receiver RS232 Transceivers
IEC 1000-4-2 Level 4 Compliance
Operation Using 5V and 12V Power Supplies
Sharing Capacitors
16
11
10
12
2
14
13
98
14
5k
5k
6
7
5
3
V+
V–
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
C2+
C2–
C1–
C1+
TTL OUTPUT
TTL OUTPUT
TTL INPUT
TTL INPUT
5V VCC
LT1381
LT1381 • TA07
0.1
µF
+
0.1
µF
+
+
16
11
10
12
2
14
13
98
14
5k
5k
6
7
5
3
V+
V–
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
C2+
C2–
C1–
C1+
TTL OUTPUT
TTL OUTPUT
TTL INPUT
TTL INPUT
5V VCC
LT1381
0.1
µF
0.1
µF
+
0.1
µF
+
5k
5k
S
LOGIC
INPUTS
LOGIC
OUTPUTS
9
12
10
11
5
4
2
1
15
8
13
7
14
16
3
16
5V INPUT
–12VOUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
LT1381 • TA06
LT1381
12V INPUT
0.1
µF
+
0.1
µF
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com