Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1381 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 1 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1381
Low Power 5V RS232 Dual
Driver/Receiver with
0.1
µF Capacitors
R
Output Waveforms
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
RECEIVER
OUTPUT
CL = 50pF
INPUT
S
APPLICATI
s
Portable Computers
s
Battery-Powered Systems
s
Power Supply Generator
s
Terminals
s
Modems
APPLICATI
TYPICAL
DESCRIPTIO
S
FEATURE
s
ESD Protection over
±10kV
s
Low Cost
s
Uses Small Capacitors: 0.1
µF
s
CMOS Comparable Low Power: 40mW
s
Operates from a Single 5V Supply
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When
Powered Down
s
Absolutely No Latchup
s
Available in Narrow SO Package
5k
5k
0.1
µF
LOGIC
INPUTS
LOGIC
OUTPUTS
9
12
10
11
5
4
3
1
15
8
13
7
14
6
2
16
5V INPUT
V+ OUT
V – OUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
LT1381 • TA01
LT1381
0.1
µF
0.1
µF
0.1
µF
+
+
+
S
, LTC and LT are registered trademarks of Linear Technology Corporation.
TransZorb® is a registered trademark of General Instruments, GSI
The LT
®1381 is a dual RS232 driver/receiver pair with
integral charge pump to generate RS232 voltage levels
from a single 5V supply. The circuit features rugged
bipolar design to provide operating fault tolerance and
ESD protection unmatched by competing CMOS designs.
Using only 0.1
µF external capacitors, the circuit con-
sumes only 40mW of power and can operate to 120kbaud
even while driving heavy capacitive loads. New ESD struc-
tures on the chip allow the LT1381 to survive multiple
±10kVstrikes,eliminatingtheneedforcostlyTransZorbs®
on the RS232 line pins. Driver outputs are protected from
overload and can be shorted to ground or up to
±25V
without damage. During power-off conditions, driver and
receiver outputs are in a high impedance state, allowing
line sharing.
LT1381 • TA02


Similar Part No. - LT1381

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1381 LINER-LT1381 Datasheet
170Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results

Similar Description - LT1381

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1180A LINER-LT1180A Datasheet
285Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1280A LINER-LT1280A_15 Datasheet
233Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com