Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1381 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1381
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1381 Datasheet(HTML) 4 Page - Linear Technology

  LT1381 Datasheet HTML 1Page - Linear Technology LT1381 Datasheet HTML 2Page - Linear Technology LT1381 Datasheet HTML 3Page - Linear Technology LT1381 Datasheet HTML 4Page - Linear Technology LT1381 Datasheet HTML 5Page - Linear Technology LT1381 Datasheet HTML 6Page - Linear Technology LT1381 Datasheet HTML 7Page - Linear Technology LT1381 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1381
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
LT1381 • TPC04
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
Receiver Input Threshold
Supply Current vs Data Rate
DATA RATE (kBaud)
0
0
10
20
30
40
50
25
50
75
100
LT1381 • TPC05
125
150
2 DRIVERS ACTIVE
RL = 3k
CL = 2500pF
Driver Leakage in Shutdown
TEMPERATURE (°C)
0.1
10
100
LT1381 • TPC06
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V
Receiver Short-Circuit Current
TEMPERATURE (°C)
–55
0
20
50
0
50
75
LTLT1381 • TPC07
10
40
30
–25
25
100
125
ISC–
ISC+
Driver Short-Circuit Current
Slew Rate vs Load Capacitance
V + Compliance Curve
LOAD CURRENT+ (mA)
0
0
2
4
6
8
10
510
LT1381 • TPC10
15
V+ (0.1
µF)
V+ (1
µF)
TEMPERATURE (˚C)
–55
20
25
30
25
75
LT1381 • TPC08
15
10
–25
0
50
100
125
5
0
ISC+
ISC–
CAPACITANCE (nF)
0
12
16
20
4
LT1381 • TPC09
8
4
0
1
2
3
5
10
14
18
6
2
+SLEW RATE
–SLEW RATE
V – Compliance Curve
LOAD CURRENT– (mA)
0
0
–2
–4
–6
–8
–10
510
LT1381 • TPC11
15
V– (0.1
µF)
V– (1
µF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com