Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1432CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 6Page - Linear Technology LT1432CS8 Datasheet HTML 7Page - Linear Technology LT1432CS8 Datasheet HTML 8Page - Linear Technology LT1432CS8 Datasheet HTML 9Page - Linear Technology LT1432CS8 Datasheet HTML 10Page - Linear Technology LT1432CS8 Datasheet HTML 11Page - Linear Technology LT1432CS8 Datasheet HTML 12Page - Linear Technology LT1432CS8 Datasheet HTML 13Page - Linear Technology LT1432CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LT1432
S
APPLICATI
I FOR ATIO
1A/DIV
Note that the switch output voltage is nearly identical to
the 12V input during switch on time, a necessary require-
ment for high efficiency, and indicative of an efficient
switch topology. Also note the fast, clean edges on the
switching waveforms, an additional requirement for high
efficiency. The “overlap time” of switch current and volt-
age, which leads to AC switching losses, is only 10ns.
Figure 4 shows the same waveforms when load current
has been reduced to 0.25A, and Figure 5 is at 25mA (note
the scale change for current in Figure 5). The regulator is
now into discontinuous mode as shown by the fact that
switch current has no initial jump, but starts its upward
slope from zero. This implies that the inductor current has
dropped to zero during switch off time, and that is shown
by the “ringing” waveform on the rising edge of switch
voltage. The switch has not yet been turned on, but the
voltage at its output rises and rings as the “input” end of
the inductor tries to settle to the same voltage as its
“output” end (5V).
This ringing is not an oscillation. It is the result of stored
energy in the catch diode capacitance. This energy is
transferred to the inductor as the inductor voltage at-
tempts to rise to 5V. The inductor and diode capacitance
tank circuit continues to ring until the stored energy is
dissipated by losses in the core and parasitic resistances.
The relatively undamped nature in this case is good
because it shows low losses and that translates to high
efficiency. EMI is not increased by operating in this mode.
Figure 6 shows input capacitor current (1A/DIV) with IOUT
= 2A. The theoretical peak-to-peak value (ignoring sloping
waveforms) is equal to output current, and this is indeed
what the top waveform shows. The RMS value is approxi-
mately equal to one half output current. This is a major
consideration because the physical size of a capacitor with
1A ripple current rating may make it the largest component
in the regulator (see output capacitor section). Clever
desigers may hit on the idea of utilizing battery impedance
or remote input capacitors to divert some of the current
away from the actual local capacitor to reduce its size. This
is not too practical as shown by the middle waveform in
Figure 6, which shows input capacitor current when an
additional large capacitor is added about 6" away from the
local capacitor. The wiring inductance and parasitic resis-
tance limit the shunting effect and local capacitor current
is reduced only slightly. the bottom waveform shows input
capacitor current with output current reduced to 0.25A.
Figure 7 shows output capacitor ripple current at loads of
2A, 0.25A, and 25mA respectively starting from the top.
Note that ripple current is independent of load current until
the load drops well into the discontinuous region. The
small steps superimposed on the triangular ripple are
caused by loading of the diode which pumps the power
supply capacitor on the LT1271. Amplitude of the ripple
current is about 0.7Ap-p in this case, or approximately
0.5A/DIV
5
µs/DIV
Figure 6. Input Capacitor Current
Figure 7. Output Capacitor Ripple Current
5
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com