Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1432CS8 Datasheet(PDF) 23 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 19Page - Linear Technology LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology LT1432CS8 Datasheet HTML 23Page - Linear Technology LT1432CS8 Datasheet HTML 24Page - Linear Technology LT1432CS8 Datasheet HTML 25Page - Linear Technology LT1432CS8 Datasheet HTML 26Page - Linear Technology LT1432CS8 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LT1432
S
APPLICATI
I FOR ATIO
+
–
AUXILIARY
WINDING
AUXILIARY
OUTPUT
+5V OUTPUT
D1
+
+
L1
MAIN
WINDING
+
+
+
+
POSITIVE
REGULATED
OUTPUT
NEGATIVE
REGULATED
OUTPUT
POSITIVE
REGULATOR
POSITIVE
REGULATOR
LT1432 F20
Figure 20
Figure 20 shows how to connect the auxiliary windings.
Dots indicate winding polarity. Pay attention here -- his-
tory shows that with a 50% chance of connecting up the
auxiliary correctly when you ignore the dots, in actual
practice you will be wrong 90% of the time.
The floating output can have either end grounded, depend-
ing on the need for a positive or negative output. Also
shown are the connections for both positive and negative
outputs using a linear regulator. Note that the two circuits
are identical! The floating auxiliary winding allows the use
of a positive low-dropout regulator for negative outputs.
These positive regulators are more readily available, espe-
cially at lower current levels.
There is a way to “cheat” somewhat on auxiliary power for
positive outputs higher than the 5V main output. The
auxiliary winding return can be connected to the 5V
output. This reduces the winding voltage so that more
current is available, and at the same time it actually adds
a load to the 5V output to bootstrap itself. Figure 21 shows
maximum current out of a 14V auxiliary (used to power a
12V linear regulator) connected in this fashion. The aux-
iliary winding voltage is actually 9V. Note that for lighter 5V
loads, there is an inflection point in the curves at about
11V. That is because theoretically the bootstrapping effect
should allow one to draw
unlimited power from the
auxiliary winding when duty cycle exceeds 50%. The
actual available current above 50% duty cycle is limited by
parasitic losses. At high 5V loads, the inflection disap-
pears for the same reason. The curves asymptotically
approach 1 amp at high input voltage because the criteria
used to generate the curves was a drop in auxiliary output
voltage to 13.5V, and again parasitic resistance limits
output current.
Auxiliary windings deliver current in triangular or quasi-
square waves only during switch off time. Therefore the
amplitude of these pulses will be somewhat higher than
the DC auxiliary load current, especially at low input
voltage. This means that in the “stacked” connection,
ripple voltage on the 5V output will increase with auxiliary
load current.
INPUT VOLTAGE (V)
8
0
0.2
0.4
0.6
0.8
1.0
10
12
14
16
LT1432 F21
18
20
14V LOAD INCREASED
UNTIL V = 13.5V
I(+5) = 1A
I(+5) = 400mA
I(+5) = 200mA
I(+5) = 50mA
I(+5) = 200mA
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com