Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1431CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1431CS8
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1431CS8 Datasheet HTML 4Page - Linear Technology LT1431CS8 Datasheet HTML 5Page - Linear Technology LT1431CS8 Datasheet HTML 6Page - Linear Technology LT1431CS8 Datasheet HTML 7Page - Linear Technology LT1431CS8 Datasheet HTML 8Page - Linear Technology LT1431CS8 Datasheet HTML 9Page - Linear Technology LT1431CS8 Datasheet HTML 10Page - Linear Technology LT1431CS8 Datasheet HTML 11Page - Linear Technology LT1431CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1431
TYPICAL APPLICATIO S
VIN
0
0
1
2
3
4
6
1
23
4
LT1431 • TA14
56
5
5V Power Supply Monitor with
±500mV
Window and 50mV Hysteresis
Transfer Function
High Efficiency Buck Converter E = 85% to 89%
6
5
C2
4.7
µF 35V
TANTALUM
VSW
VIN
VC
GND
FB
LT1170
C3
0.1
µF
D2
BAT85
D1
BAT85
C1
220
µF
35V
R4
100
Ω
R2
1k
R6*
23.7k
R7*
24.9k
Q1
VN2222LL
C5
0.047
µF
5
4
2
1
3
C4
0.033
µF
D4
BAT85
D3
MBR330
L1
50
µH 3A
C6
470
µF
16V
1
3
4
8
7
R8*
24.9k
VIN
OFF
RTN
1
2
R3
10k
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL RESISTANCES ARE IN
Ω, 0.25W, 5%
2. ALL CAPACITANCES ARE IN
µF, 50V, 10%
3. SHUTDOWN LOGIC STATE MUST BE DEFINED BY A LOGIC GATE OR BY TYING TO GND
5V
2.5A
R1
470k
R5
680
Ω
Q3
2N3904
+
0.12m
Ω
ESR
RUN = 0
SHUTDOWN
> 3V
1
BOLD LINE INDICATES HIGH CURRENT PATHS
* = 1% FILM RESISTORS
C1 = NICHICON-UPL1V221MPH
C6 = NICHICON-UPL1C471MPH6
D1, D2 = PHILIPS-BAT85
D3 = MOTORALA-MBR330
L1 = COILTRONICS CTX50-3-MP
C3, C4, C5 = WIMA-MKS-2
2
Q2
2N3904
RTOP
V +
COLL
REF
RMID
COMP
VR2
LT1431CN8
+
GND-F
GND-S
+
LT1431 • TA15
COLL
REF
GND-F
V+
GND-S
10
Ω**
“HIGH” FOR
OVER VOLTAGE OR
UNDER VOLTAGE
5k
1N4148
COLL
REF
GND-F
V+
GND-S
10
Ω**
5k
4k*
1k
6k*
1k
*DETERMINES WINDOW SIZE
V = (R – 5)(0.5mA)
**SETS HYSTERESIS
LT1431 • TA13
LT1431
LT1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com