Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1431CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1431CS8
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1431CS8 Datasheet HTML 1Page - Linear Technology LT1431CS8 Datasheet HTML 2Page - Linear Technology LT1431CS8 Datasheet HTML 3Page - Linear Technology LT1431CS8 Datasheet HTML 4Page - Linear Technology LT1431CS8 Datasheet HTML 5Page - Linear Technology LT1431CS8 Datasheet HTML 6Page - Linear Technology LT1431CS8 Datasheet HTML 7Page - Linear Technology LT1431CS8 Datasheet HTML 8Page - Linear Technology LT1431CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1431
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
VKA (V)
0
600
800
1000
4.0
LT1431 • TPC01
400
200
0
1.0
2.0
3.0
5.0
IMIN
500
700
900
300
100
0.5
4.5
1.5
2.5
3.5
2.5V Reference IK vs VKA
V+ (V)
2.5
2.501
2.503
2.505
3.3
LT1431 • TPC02
2.499
2.497
2.495
2.7
2.9
3.1
3.5
1.5
2.5
3.5
0.5
–0.5
–1.5
VREF
IREF
2.500
2.502
2.504
2.498
2.496
3.2
2.6
2.8
3.0
3.4
1.0
2.0
3.0
0
–1.0
VREF and IREF vs V+
V+ (V)
0
2.501
2.503
2.505
32
LT1431 • TPC03
2.499
2.497
2.495
8
16
24
40
1.5
2.5
3.5
0.5
–0.5
–1.5
VREF
IREF
2.500
2.502
2.504
2.498
2.496
28
4
12
20
36
1.0
2.0
3.0
0
–1.0
VREF and IREF vs V +
Propagation Delay vs Overdrive
ILIMIT vs Temperature with
External Resistor
COLLECTOR VSAT vs
Temperature vs Current
VREF and IREF vs Temperature
TEMPERATURE (°C)
–50
2.4975
2.5000
2.5025
25
75
LT1027 • TPC04
2.4950
2.4925
–25
0
50
100
125
2.4900
2.4875
0.33
0.66
1.00
0
–0.33
–0.66
–1.00
VREF
IREF
TEMPERATURE (°C)
–50
1.000
1.125
1.250
25
75
LT1431 • TPC05
0.875
0.750
–25
0
50
100
125
0.625
0.500
ILIMIT =
0.7
RLIM + 3.6
AT 25°C
TEMPERATURE (°C)
–50
0.80
1.00
1.20
25
75
LT1431 • TPC06
0.60
0.40
–25
0
50
100
125
0.20
0
ICOLL = 100mA
ICOLL = 20mA
ICOLL = 10mA
ICOLL = 50mA
OVERDRIVE (mV)
0
90
120
150
200
LT1431 • TPC07
60
30
0
50
100
150
250
75
105
135
45
15
3
1
1k
OUTPUT
56
5V
LT1431
VREF ± OVERDRIVE
OUTPUT HIGH-TO-LOW
OUTPUT LOW-TO-HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com