Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1431CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1431CS8
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1431CS8 Datasheet HTML 2Page - Linear Technology LT1431CS8 Datasheet HTML 3Page - Linear Technology LT1431CS8 Datasheet HTML 4Page - Linear Technology LT1431CS8 Datasheet HTML 5Page - Linear Technology LT1431CS8 Datasheet HTML 6Page - Linear Technology LT1431CS8 Datasheet HTML 7Page - Linear Technology LT1431CS8 Datasheet HTML 8Page - Linear Technology LT1431CS8 Datasheet HTML 9Page - Linear Technology LT1431CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1431
APPLICATIO S I FOR ATIO
Frequency Compensation
As a shunt regulator, the LT1431 is stable for all capacitive
loads on the COLL pin. Capacitive loading between 0.01
µF
and 18
µFcausesreducedphasemarginwithsomeringing
under transient conditions. Output capacitors should not
be used arbitrarily because output noise is not necessarily
reduced.
Excess capacitance on the REF pin can introduce enough
phase shift to induce oscillation when configured as a
reference >2.5V. This can be compensated with capaci-
tance between COLL and REF (phase lead). More compli-
cated feedback loops may require shaping of the fre-
quency response of the LT1431 with dominant pole or
pole-zero compensation. This can be accomplished with a
capacitor or series resistor and capacitor between COLL
and COMP.
The compensation schemes mentioned above use voltage
feedback to stabilize the circuits. There must be voltage
gain at the COLL pin for them to be effective, so the COLL
pin must see a reasonable AC impedance. Capacitive
loading of the COLL pin reduces the AC impedance,
voltage gain, and frequency response, thereby decreasing
the effectiveness of the compensation schemes, but also
decreasing their necessity.
VIN
RL
2.5V
LT1431 • TA02
CATHODE
REF
LT1431Z
ANODE
VIN
RL
2.5V
LT1431 • TA03
COLL
REF
LT1431
GND-F
V+
GND-S
2.5V Reference
3-Pin Package
2.5V Reference
8-Pin Package
5V Reference
Increasing 5V Reference
Programmable Reference with Adjustable
Current Limit
TYPICAL APPLICATIO S
VIN
RL
5V
LT1431 • TA04
COLL
REF
LT1431
GND-F
V+
GND-S
RTOP
RMID
VIN
RL
5V +
∆
LT1431 • TA05
R
∆ = R × (0.5mA) ±25% PROCESS TOLERANCE
∆ ≤ 500mV
COLL
REF
LT1431
GND-F
V+
GND-S
RTOP
RMID
VIN
RL
LT1431 • TA06
RLIM
VOUT =
()
1 + R1
R2
VREF
R1
R2
ILIMIT =
0.7
RLIM + 3.6
AT 25°C
COLL
REF
LT1431
GND-F
V+
GND-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com