Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1611CS5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1611CS5
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611CS5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1611CS5 Datasheet HTML 4Page - Linear Technology LT1611CS5 Datasheet HTML 5Page - Linear Technology LT1611CS5 Datasheet HTML 6Page - Linear Technology LT1611CS5 Datasheet HTML 7Page - Linear Technology LT1611CS5 Datasheet HTML 8Page - Linear Technology LT1611CS5 Datasheet HTML 9Page - Linear Technology LT1611CS5 Datasheet HTML 10Page - Linear Technology LT1611CS5 Datasheet HTML 11Page - Linear Technology LT1611CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1611
OPERATIO
Start-Up/Soft-Start
The LT1611, starting from VOUT = 0V, reaches final voltage
in approximately 450
µs after SHDN is pulled high, with
COUT = 22µF, VIN = 5V and VOUT = –5V. Charging the output
capacitor at this speed requires an inrush current of over
1A. If a longer start-up time is acceptable, a soft-start
circuit consisting of RSS and CSS, as shown in Figure 14,
can be used to limit inrush current to a lower value. Figure
15 pictures VOUT and input current, starting into a 33Ω
load, with RSS of 33kΩ and CSS of 33nF. Input current,
VIN
VIN
5V
VSS
VOUT
VOUT
–5V
1611 F14
SW
L1A
22
µH
CURRENT
PROBE
L1B
22
µH
D1
GND
LT1611
C1: AVX TAJB226M010
C2: TAIYO YUDEN LMK212BJ105MG
C3: TAIYO YUDEN JMK325BJ226MM (1210 SIZE)
D1: MBR0520
L1: SUMIDA CLS62-220 OR 2
× MURATA LQH3C220 (UNCOUPLED)
C1
22
µF
RSS
33k
D2
1N4148
C3
22
µF
C2
1
µF
R2
10k
R1
29.4k
CP
1200pF
NFB
SHDN
+
CSS
33nF/0.1
µF
Figure 14. RSS and CSS at SHDN Pin Provide Soft-Start to LT1611 Inverting Converter
measured at VIN, is limited to a peak value of 450mA as the
time required to reach final value increases to 700
µs. In
Figure 16, CSS is increased to 0.1µF, resulting in a lower
peak input current of 240mA with a VOUT ramp time of
2.1ms. CSS can be increased further for an even slower
ramp, if desired. Diode D2 serves to quickly discharge CSS
when VSS is driven low to shut down the device. D2 can be
omitted, resulting in a “soft-stop” slow discharge of the
output capacitor.
Figure 15. RSS = 33k, CSS = 33nF; VOUT Reaches
– 5V in 750
µs; Input Current Peaks at 450mA
VOUT
2V/DIV
IIN
200mA/DIV
LOAD = 150mA
500
µs/DIV
1611 F15
VS
5V/DIV
Figure 16. RSS = 33k, CSS = 0.1µF; VOUT Reaches
– 5V in 2.1ms; Input Current Peaks at 240mA
VOUT
2V/DIV
IIN
200mA/DIV
LOAD = 150mA
500
µs/DIV
1611 F16
VS
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com