Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1611CS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1611CS5
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611CS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1611CS5 Datasheet HTML 2Page - Linear Technology LT1611CS5 Datasheet HTML 3Page - Linear Technology LT1611CS5 Datasheet HTML 4Page - Linear Technology LT1611CS5 Datasheet HTML 5Page - Linear Technology LT1611CS5 Datasheet HTML 6Page - Linear Technology LT1611CS5 Datasheet HTML 7Page - Linear Technology LT1611CS5 Datasheet HTML 8Page - Linear Technology LT1611CS5 Datasheet HTML 9Page - Linear Technology LT1611CS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1611
Transient Response
The inverting architecture of the LT1611 can generate a
very low ripple output voltage. Recently available high
value ceramic capacitors can be used successfully in
LT1611 designs with the addition of a phase lead capaci-
tor, CPL (see Figure 7). Connected in parallel with feedback
resistor R1, this capacitor reduces both output perturba-
OPERATIO
tions due to load steps and output ripple voltage to very
low levels. To illustrate, Figure 7 shows an LT1611 invert-
ing converter with resistor loads RL1 and RL2. RL1 is
connected across the output, while RL2 is switched in
externally via a pulse generator. Output voltage wave-
forms are pictured in subsequent figures, illustrating the
performance of output capacitor type and the effect of CPL
connected across R1.
+
L1
L2
C2
–(VIN + VOUT)
SW
SWX
D1
Q1
1611 F05
C1
C3
RLOAD
–VOUT
VIN
VCESAT
+
L1
L2
C2
VIN + VOUT+ VD
SW
SWX
D1
Q1
1611 F06
C1
C3
RLOAD
–VOUT
VIN
VD
Figure 5. Switch-On Phase of Inverting Converter. L1 and L2 Current Have Positive dI/dt
Figure 6. Switch-Off Phase of Inverting Converter. L1 and L2 Current Have Negative dI/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com