Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1641 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1641
Description  Positive High Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641 Datasheet(HTML) 4 Page - Linear Technology

  LT1641 Datasheet HTML 1Page - Linear Technology LT1641 Datasheet HTML 2Page - Linear Technology LT1641 Datasheet HTML 3Page - Linear Technology LT1641 Datasheet HTML 4Page - Linear Technology LT1641 Datasheet HTML 5Page - Linear Technology LT1641 Datasheet HTML 6Page - Linear Technology LT1641 Datasheet HTML 7Page - Linear Technology LT1641 Datasheet HTML 8Page - Linear Technology LT1641 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1641
BLOCK DIAGRA
–
+
+
–
–
+
–
+
80
µA
VP
VP
LOGIC
1.233V
0.5V
12mV ~ 47mV
UNDERVOLTAGE LOCKOUT
8.3V
VCC
GND
0.5V
1.233V
–
+
–
+
1.233V
PWRGD
TIMER
1641 BD
VCC
SENSE
VP GEN
FB
ON
3
µA
GATE
+
–
CHARGE
PUMP
AND
GATE
DRIVER
REF GEN
SENSE (Pin 7): The Current Limit Sense Pin. A sense
resistor must be placed in the supply path between VCC
and SENSE. The current limit circuit will regulate the
voltage across the sense resistor (VCC – VSENSE) to 47mV
when VFB is 0.5V or higher. If VFB drops below 0.5V, the
voltage across the sense resistor decreases linearly and
stops at 12mV when VFB is 0V.
To defeat current limit, short the SENSE pin to the VCC pin.
VCC (Pin 8): The Positive Supply Input ranges from 9V to
80V for normal operation. ICC is typically 2mA. An internal
undervoltage lockout circuit disables the chip for inputs
less than 8.3V. Place a 0.1
µF bypass capacitor next to the
VCC pin.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com