Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1677 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 4 Page - Linear Technology

  LT1677 Datasheet HTML 1Page - Linear Technology LT1677 Datasheet HTML 2Page - Linear Technology LT1677 Datasheet HTML 3Page - Linear Technology LT1677 Datasheet HTML 4Page - Linear Technology LT1677 Datasheet HTML 5Page - Linear Technology LT1677 Datasheet HTML 6Page - Linear Technology LT1677 Datasheet HTML 7Page - Linear Technology LT1677 Datasheet HTML 8Page - Linear Technology LT1677 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1677
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
30
120
µV
VCM = 14.0V to 14.8V
q
180
550
µV
VCM = –13.3V to –15V
q
1.8
6
mV
∆VOS
Average Input Offset Drift
SO-8
q
0.40
2
µV/°C
∆Temp
N8 (Note 10)
q
0.20
0.5
µV/°C
IB
Input Bias Current
q
±3
±35
nA
VCM = 14.0V to 14.8V
q
0.19
0.6
µA
VCM = –13.3V to –15V
q
– 2
– 0.43
µA
IOS
Input Offset Current
q
220
nA
VCM = 14.0V to 14.8V
q
90
220
nA
VCM = –13.3V to –15V
q
90
350
nA
VCM
Input Voltage Range
q
–15
14.8
V
CMRR
Common Mode Rejection Ratio
VCM = –13.3V to 14.0V
q
106
126
dB
VCM = –15V to 14.8V
q
73
93
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.7V to ±18V
q
104
127
dB
VS = 2.8V to 40V, VCM = VO = 1.7V
q
106
122
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VO = ±14V
q
420
V/
µV
RL ≥ 1k, VO = ±13.5V
q
210
V/
µV
RL ≥ 600Ω, VO = ±10V
q
0.3
0.5
V/
µV
VCC = 5V or 3V, VEE = 0V, VCM = 1.7V,
VOUT = 0.4V to:
RL ≥ 10k, VCC – 0.5V
q
38
V/
µV
RL ≥ 1k, VCC – 0.7V
q
0.5
4
V/
µV
VOL
Output Voltage Swing Low
Above VEE
ISINK = 0.1mA
q
85
200
mV
ISINK = 2.5mA
q
160
320
mV
ISINK = 10mA
q
400
600
mV
VOH
Output Voltage Swing High
Below VCC
ISOURCE = 0.1mA
q
140
200
mV
ISOURCE = 2.5mA
q
230
350
mV
ISOURCE = 10mA
q
580
800
mV
ISC
Output Short-Circiut Current (Note 3)
q
20
27
mA
SR
Slew Rate
RL ≥ 10k (Note 9)
q
1.5
2.3
V/
µs
GBW
Gain Bandwidth Product
fO = 100kHz
q
6.2
MHz
IS
Supply Current
q
3.0
3.9
mA
The q denotes the specifications which apply over the temperature range of
0
°C < TA < 70°C. VS = ±15V, VCM = VO = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com