Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1677 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1677 Datasheet HTML 2Page - Linear Technology LT1677 Datasheet HTML 3Page - Linear Technology LT1677 Datasheet HTML 4Page - Linear Technology LT1677 Datasheet HTML 5Page - Linear Technology LT1677 Datasheet HTML 6Page - Linear Technology LT1677 Datasheet HTML 7Page - Linear Technology LT1677 Datasheet HTML 8Page - Linear Technology LT1677 Datasheet HTML 9Page - Linear Technology LT1677 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1677
Current Noise vs Frequency
Voltage Noise vs Temperature
Input Bias Current Over the
Common Mode Range
Offset Voltage Shift
vs Common Mode
Common Mode Range
vs Temperature
Voltage Noise vs Frequency
FREQUENCY (Hz)
0.1
1
10
100
10
1
100
1000
1677 G03
1/f CORNER 8.5Hz
1/f CORNER 13Hz
VCM < –14.5V
VCM > 14.5V
VS = ±15V
TA = 25°C
VCM
–13.5V TO 14.5V
1/f CORNER 10Hz
FREQUENCY (Hz)
10
0.1
1
10
100
1000
10000
1677 G04
1/f CORNER 90Hz
1/f CORNER 180Hz
VCM < –13.5V
VCM > 14.5V
VS = ±15V
TA = 25°C
VCM
–13.5V TO 14.5V
1/f CORNER 60Hz
TEMPERATURE (
°C)
–50
2
4
7
0
50
75
1677 G05
3
1kHz
10Hz
6
5
–25
25
100
125
VS = ±15V
VCM = 0V
COMMON MODE INPUT VOLTAGE (V)
–16
0
400
16
1677 G06
–400
–800
–8
0
8
–12
–4
4
12
800
–200
200
–600
600
VCM = –15.3V
VCM = –13.6V
VCM = 14.3V
VCM = 15.15V
INPUT BIAS CURRENT
VS = ±15V
TA = 25°C
VCM – VEE (V)
VCM – VCC (V)
–1.0 VEE
VCC
0.5
1.5
2.5
–0.8
1677 G08
–0.5
–1.5
0
1.0
2.0
–1.0
–2.0
–2.5
50
150
250
–50
–150
0
100
200
–100
–200
–250
1.0
2.0
–0.4
0.4
VOS IS REFERRED
TO VCM = 0V
VS = ±1.5V TO ±15V
TA = 25°C
5 TYPICAL PARTS
VCM – VEE (V)
VCM – VCC (V)
–1.0 VEE
VCC
0.5
1.5
2.5
–0.8
1677 G09
–0.5
–1.5
0
1.0
2.0
–1.0
–2.0
–2.5
50
150
250
–50
–150
0
100
200
–100
–200
–250
1.0
2.0
–0.4
0.4
VS = ±2.5V TO ±15V
125
°C
125
°C
25
°C
25
°C
–55
°C
–55
°C
VOS IS REFERRED
TO VCM = 0V
TYPICAL PERFOR A CE CHARACTERISTICS
VOS vs Temperature of
Representative Units
TEMPERATURE (
°C)
–55
–20
100
120
140
1677 G11
–60
60
20
–40
80
–80
40
0
–35 –15
5
25
45
65
85 105 125
VS = ±15V
VCM = 0V
SO-8
N8
Distribution of Input Offset
Voltage Drift (N8)
INPUT OFFSET VOLTAGE DRIFT (
µV/°C)
–0.25
12
16
20
1677 G02
8
4
10
14
18
6
2
0
–0.15 –0.05 0.05 0.15 0.25 0.35 0.45
VS = ±15V
TA = –40°C TO 85°C
120 PARTS
(2 LOTS)
Long-Term Stability of Four
Representative Units
TIME (HOURS)
0
–5
–4
–2
–1
0
5
2
200
400 500
900
1677 G13
–3
3
4
1
100
300
600 700 800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com