Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1677 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1677 Datasheet HTML 3Page - Linear Technology LT1677 Datasheet HTML 4Page - Linear Technology LT1677 Datasheet HTML 5Page - Linear Technology LT1677 Datasheet HTML 6Page - Linear Technology LT1677 Datasheet HTML 7Page - Linear Technology LT1677 Datasheet HTML 8Page - Linear Technology LT1677 Datasheet HTML 9Page - Linear Technology LT1677 Datasheet HTML 10Page - Linear Technology LT1677 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1677
Voltage Gain vs Frequency
Gain, Phase Shift vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
40
80
100
140
160
1k
100k
1M
10M
1677 G14
0
10k
120
60
20
VS = ±15V
TA = 25°C
VEM = 0V
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1
60
80
100
1k
100k
1677 G15
40
20
0
10
100
10k
120
140
160
1M
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
0.01
–20
60
180
1
100
100M
1677 G16
20
140
100
10k
1M
VS = ±15V
TA = 25°C
VCM = 0V
VCM = VEE
VCM = VCC
FREQUENCY (MHz)
0.1
–10
30
40
50
1
10
100
1677 G17
20
10
0
–20
60
80
100
40
20
0
VS = ±15V
VCM = 0V
TA = 25°C
CL = 10pF
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
1
2
3
4
±5
±10
±15
±20
1677 G28
TA = 125°C
TA = 25°C
TA = –55°C
TYPICAL PERFOR A CE CHARACTERISTICS
PM, GBWP, SR vs Temperature
TEMPERATURE (
°C)
–50
1
3
70
0
50
75
1677 G29
2
60
50
7
6
5
4
8
–25
25
100
125
PHASE
GBW
SLEW
VS = ±15V
CL = 15pF
Large-Signal Transient Response
10V
– 10V
AVCL = –1
VS = ±15V
Small-Signal Transient Response
50mV
– 50mV
AVCL = 1
VS = ±15V
CL = 15pF
0
Overshoot vs Load Capacitance
CAPACITANCE (pF)
10
0
10
20
30
40
60
100
1000
1677 G30
50
RISING
EDGE
FALLING
EDGE
VS = ±15V
TA = 25°C
RL = 10k TO 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com