Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1809
Description  180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 1 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1809
1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
The LT
®1809 is a low distortion rail-to-rail input and
output op amp with a 350V/
µs slew rate. The amplifier has
a –3dB bandwidth of 320MHz at unity-gain, a gain-band-
width product of 180MHz (AV ≥ 10) and an 85mA output
current to fit the needs of low voltage, high performance
signal conditioning systems.
The LT1809 has an input range that includes both supply
rails and an output that swings within 20mV of either
supply rail to maximize the signal dynamic range in low
supply applications.
The LT1809 has very low distortion (–90dBc) up to 5MHz
that allows it to be used in high performance data acqui-
sition systems.
The LT1809 maintains its performance for supplies from
2.5V to 12.6V and is specified at 3V, 5V and
±5V supplies.
The inputs can be driven beyond the supplies without
damage or phase reversal of the output.
The LT1809 is available in the 8-pin SO package with the
standard op amp pinout. This device can be used as a plug-
in replacement for many op amps to improve input/output
range and performance.
s
Active Filters
s
Rail-to-Rail Buffer Amplifiers
s
Driving A/D Converters
s
Low Voltage Signal Processing
s
Video Line Driver
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
–3dB Bandwidth: 320MHz, AV = 1
s
Gain-Bandwidth Product: 180MHz, AV ≥ 10
s
Slew Rate: 350V/
µs
s
Wide Supply Range: 2.5V to 12.6V
s
Large Output Current: 85mA
s
Low Distortion, 5MHz: – 90dBc
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Input Offset Voltage, Rail-to-Rail: 2.5mV Max
s
Common Mode Rejection: 89dB Typ
s
Power Supply Rejection: 87dB Typ
s
Open-Loop Gain: 100V/mV Typ
s
Shutdown Pin
s
8-Pin SO-8 Package
s
Operating Temperature Range – 40
°C to 85°C
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
180MHz, 350V/
µs
Rail-to-Rail Input and Output
Low Distortion Op Amp
January 2000
Final Electrical Specifications
+
–
VS
2
47pF
LT1809
220pF
665
Ω
VIN
VOUT
1809 TA01
232
Ω
232
Ω
+
–
22pF
470pF
562
Ω
274
Ω
274
Ω
LT1809
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1809 TA01a
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = 3V, 0V
VIN = 2.5VP-P
Single 3V Supply, 4MHz, 4th Order Butterworth Filter
Filter Frequency Response


Similar Part No. - LT1809

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
269Kb / 24P
Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1809 LINER-LT1809 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
LT1809 LINER-LT1809 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
LT1809CS6 LINER-LT1809CS6 Datasheet
269Kb / 24P
Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
More results

Similar Description - LT1809

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1806 LINER-LT1806 Datasheet
136Kb / 8P
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
LT1809 LINER-LT1809_1 Datasheet
269Kb / 24P
Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
Low Distortion Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Linear Technology
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com