Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1809
Description  180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 6 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT1809
6
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V +
q
1
3.25
mV
VCM = V –
q
1
3.25
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V +
q
10
25
µV/°C
VCM = V
–
q
10
25
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V – to V +
q
0.5
2.15
mV
IB
Input Bias Current
VCM = V + – 0.1V
q
2.5
12.5
µA
VCM = V
– +0.2V
q
– 37.5
–15
µA
∆IB
Input Bias Current Shift
VCM = V
– + 0.2V to V+ – 0.1V
q
14
50
µA
IOS
Input Offset Current
VCM = V
+ – 0.1V
q
0.06
2.25
µA
VCM = V – + 0.2V
q
0.5
6
µA
∆IOS
Input Offset Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
0.56
8.25
µA
AVOL
Large-Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
q
35
90
V/mV
VO = – 2.5V to 2.5V, RL = 100Ω
q
410
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V – to V +
q
73.5
86
dB
Input Common Mode Range
q
V –
V +
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V – = 0V
q
71
83
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
10
40
mV
ISINK = 5mA
q
45
100
mV
ISINK = 25mA
q
185
370
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
60
120
mV
ISOURCE = 5mA
q
110
220
mV
ISOURCE = 25mA
q
360
625
mV
ISC
Short-Circuit Current
q
±50
±75
mA
IS
Supply Current
q
17.5
25
mA
Disable Supply Current
VSHDN= 0V
q
0.6
1.1
mA
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
100
170
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
q
150
300
V/
µs
Measure at VO = ±3V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V +
q
1
3.75
mV
VCM = V
–
q
1
3.75
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V +
q
10
25
µV/°C
VCM = V –
q
10
25
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
q
0.5
2.5
mV
IB
Input Bias Current
VCM = V
+ – 0.1V
q
2.8
14
µA
VCM = V– + 0.2V
q
–45
–17
µA
∆IB
Input Bias Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
19.8
59
µA
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C temperature range. VS = ±5V, VSHDN = open, VCM = 0V,
VOUT = 0V unless otherwise noted.
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = ±5V, VSHDN = open, VCM = 0V,
VOUT = 0V unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com