Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1809
Description  180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 5 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT1809
5
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = ±5V, VSHDN = open, VCM = 0V, VOUT = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+
0.8
3
mV
VCM = V –
0.8
3
mV
∆Vos
Input Offset Voltage Shift
VCM = V – to V +
0.35
2
mV
IB
Input Bias Current
VCM = V +
210
µA
VCM = V –
– 30
–12.5
µA
∆IB
Input Bias Current Shift
VCM = V – to V +
13.5
42.5
µA
IOS
Input Offset Current
VCM = V+
0.05
2
µA
VCM = V –
0.4
5
µA
∆IOS
Input Offset Current Shift
VCM = V – to V +
0.45
7
µA
en
Input Noise Voltage Density
f = 10kHz
16
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
5
pA/
√Hz
Cin
Input Capacitance
f = 100kHz
2
pF
AVOL
Large-Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
45
100
V/mV
VO = – 2.5V to 2.5V, RL = 100Ω
512
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V – to V +
73
89
dB
Input Common Mode Range
V –
V +
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V – = 0V
73
87
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
8
30
mV
ISINK = 5mA
46
100
mV
ISINK = 25mA
170
350
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
30
60
mV
ISOURCE = 5mA
90
200
mV
ISOURCE = 25mA
310
600
mV
ISC
Short-Circuit Current
±60
±85
mA
IS
Supply Current
15
20
mA
Disable Supply Current
VSHDN = 0V
0.6
0.9
mA
GBW
Gain-Bandwidth Product
Frequency = 2MHz
120
180
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
175
350
V/
µs
Measure at VO = ±3V
HD
Total Harmonic Distortion
AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
– 90
dB
tS
Settling Time
0.01%, VSTEP = 5V, AV = 1, RL = 1k
60
nS
∆G
Differential Gain (NTSC)
AV = 2, RL = 150
0.01
%
∆θ
Differential Phase (NTSC)
0.01
%
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply unless otherwise noted. (Note 5)
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
140
MHz
SR
Slew Rate
VS = 5V, AV = -1, RL = 1k, VO = 4VP-P
q
180
V/
µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com