Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1886 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1886
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1886 Datasheet HTML 4Page - Linear Technology LT1886 Datasheet HTML 5Page - Linear Technology LT1886 Datasheet HTML 6Page - Linear Technology LT1886 Datasheet HTML 7Page - Linear Technology LT1886 Datasheet HTML 8Page - Linear Technology LT1886 Datasheet HTML 9Page - Linear Technology LT1886 Datasheet HTML 10Page - Linear Technology LT1886 Datasheet HTML 11Page - Linear Technology LT1886 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1886
TYPICAL PERFOR A CE CHARACTERISTICS
Harmonic Distortion vs Output
Current, VS = ±2.5V
Undistorted Output Swing vs
Frequency
Small-Signal Transient, AV = 10
Small-Signal Transient, AV = –10
Small-Signal Transient, AV = 10,
CL = 1000pF
Large-Signal Transient, AV = 10
Large-Signal Transient, AV = –10
Large-Signal Transient, AV = 10,
CL = 1000pF
PEAK OUTPUT CURRENT (mA)
0
1886 G30
–30
–40
–50
–60
–70
–80
50
100
150
200
250
RL = 5Ω
RL = 10Ω
TA = 25°C
AV = 10
f = 1MHz
RL = 25Ω
FREQUENCY (Hz)
100k
12
10
8
6
4
2
0
1M
10M
1886 G32
TA = 25°C
AV = 10
RL = 100Ω
1% DISTORTION
VS = ±2.5V
VS = ±6V
1886 G33
1886 G34
1886 G35
1886 G36
1886 G37
1886 G38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com