Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1886 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1886
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886 Datasheet(HTML) 5 Page - Linear Technology

  LT1886 Datasheet HTML 1Page - Linear Technology LT1886 Datasheet HTML 2Page - Linear Technology LT1886 Datasheet HTML 3Page - Linear Technology LT1886 Datasheet HTML 4Page - Linear Technology LT1886 Datasheet HTML 5Page - Linear Technology LT1886 Datasheet HTML 6Page - Linear Technology LT1886 Datasheet HTML 7Page - Linear Technology LT1886 Datasheet HTML 8Page - Linear Technology LT1886 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1886
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs
Temperature
Input Noise Spectral Density
Output Short-Circuit Current vs
Temperature
Output Saturation Voltage vs
Temperature, VS = ±6V
Output Saturation Voltage vs
Temperature, VS = ±2.5V
Settling Time vs Output Step
Gain and Phase vs Frequency
Gain Bandwidth vs Supply
Voltage
Output Impedance vs Frequency
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1886 G04
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VS = ±6V
VS = ±2.5V
IB = (IB+ + IB–)/2
FREQUENCY (Hz)
10
1
10
100
10
1
100
1k
100k
100
10k
1886 G05
en
TA = 25°C
AV = 101
in
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1886 G06
1000
900
800
700
600
500
400
300
200
100
0
SOURCE, VS = ±6V
SOURCE, VS = ±2.5V
SINK, VS = ±6V
SINK, VS = ±2.5V
∆VIN = 0.2V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1886 G07
V+
–0.5
–1.0
–1.5
1.5
1.0
0.5
V –
RL = 100Ω
RL = 100Ω
IL = 150mA
IL = 200mA
IL = 150mA
IL = 200mA
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1886 G08
V+
–0.5
–1.0
–1.5
1.5
1.0
0.5
V –
RL = 100Ω
RL = 100Ω
IL = 150mA
IL = 200mA
IL = 150mA
IL = 200mA
SETTLING TIME (ns)
020
40
10
30
50
60
1886 G09
6
4
2
0
–2
–4
–6
VS = ±6V
10mV
1mV
10mV
1mV
FREQUENCY (Hz)
1M
80
70
60
50
40
30
20
10
0
–10
–20
100
80
60
40
20
0
–20
–40
–60
–80
–100
10M
100M
1G
1886 G10
TA = 25°C
AV = –10
RL = 100Ω
VS = ±6V
VS = ±2.5V
VS = ±6V
PHASE
GAIN
VS = ±2.5V
TOTAL SUPPLY VOLTAGE (V)
0
1886 G11
2
4
6
8
10
12
14
800
700
600
500
400
300
TA = 25°C
AV = –10
RL = 100Ω
RL = 25Ω
RL = 1k
FREQUENCY (Hz)
1
0.1
10
100k
10M
100M
1886 G12
0.01
1M
100
AV = 100
AV = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com