Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1886 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1886
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1886 Datasheet HTML 3Page - Linear Technology LT1886 Datasheet HTML 4Page - Linear Technology LT1886 Datasheet HTML 5Page - Linear Technology LT1886 Datasheet HTML 6Page - Linear Technology LT1886 Datasheet HTML 7Page - Linear Technology LT1886 Datasheet HTML 8Page - Linear Technology LT1886 Datasheet HTML 9Page - Linear Technology LT1886 Datasheet HTML 10Page - Linear Technology LT1886 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1886
TYPICAL PERFOR A CE CHARACTERISTICS
Harmonic Distortion vs
Frequency, AV = 10, VS = ±6V
Harmonic Distortion vs
Frequency, AV = 10, VS = ±2.5V
Harmonic Distortion vs Resistive
Load
Harmonic Distortion vs Resistive
Load
Harmonic Distortion vs Output
Swing, AV = 10, VS = ±6V
Harmonic Distortion vs Output
Swing, AV = 10, VS = ±2.5V
Harmonic Distortion vs Output
Swing, AV = 2, VS = ±6V
Harmonic Distortion vs Output
Swing, AV = 2, VS = ±2.5V
Harmonic Distortion vs Output
Current, VS = ±6V
FREQUENCY (Hz)
100k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1M
10M
1886 G22
TA = 25°C
AV = 10
2VP-P OUT
2nd
3rd
2nd
3rd
RL = 25Ω
RL = 100Ω
FREQUENCY (Hz)
100k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1M
10M
1886 G23
TA = 25°C
AV = 10
2VP-P OUT
2nd
3rd
2nd
3rd
RL = 100Ω
RL = 25Ω
LOAD RESISTANCE (
Ω)
1
100
1k
1886 G24
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VS = ±6V
AV = 10
2VP-P OUT
f = 1MHz
2nd
3rd
LOAD RESISTANCE (
Ω)
1
100
1k
1886 G25
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VS = ±2.5V
AV = 10
2VP-P OUT
f = 1MHz
2nd
3rd
OUTPUT VOLTAGE (VP-P)
02468
10
12
1886 G26
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
f = 1MHz
2nd
3rd
2nd
3rd
RL = 25Ω
RL = 100Ω
OUTPUT VOLTAGE (VP-P)
0
1886 G27
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
2
3
4
5
TA = 25°C
f = 1MHz
2nd
3rd
2nd
3rd
RL = 25Ω
RL = 100Ω
OUTPUT VOLTAGE (VP-P)
02468
10
12
1886 G28
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
RF = RG = 1k
RC = 124Ω
CC = 100pF
f = 1MHz
SEE FIGURE 3
2nd
2nd
3rd
3rd
RL = 25Ω
RL = 100Ω
OUTPUT VOLTAGE (VP-P)
0
1886 G29
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
2
3
4
5
2nd
3rd
2nd
3rd
RL = 100Ω
TA = 25°C
RF = RG = 1k
RC = 124Ω
CC = 100pF
f = 1MHz
SEE FIGURE 3
RL = 25Ω
PEAK OUTPUT CURRENT (mA)
0
1886 G30
–30
–40
–50
–60
–70
–80
100
200
300
400
500
RL = 5Ω
RL = 10Ω
TA = 25°C
AV = 10
f = 1MHz
RL = 25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com