Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1279C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1279C
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279C Datasheet(HTML) 4 Page - Linear Technology

  LTC1279C Datasheet HTML 1Page - Linear Technology LTC1279C Datasheet HTML 2Page - Linear Technology LTC1279C Datasheet HTML 3Page - Linear Technology LTC1279C Datasheet HTML 4Page - Linear Technology LTC1279C Datasheet HTML 5Page - Linear Technology LTC1279C Datasheet HTML 6Page - Linear Technology LTC1279C Datasheet HTML 7Page - Linear Technology LTC1279C Datasheet HTML 8Page - Linear Technology LTC1279C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1279
POWER REQUIRE E TS (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage (Notes 11, 12)
Unipolar
4.95
5.25
V
Bipolar
4.75
5.25
V
VSS
Negative Supply Voltage (Note 11, 12)
Bipolar Only
– 2.45
– 5.25
V
IDD
Positive Supply Current
fSAMPLE = 600ksps
q
12
24
mA
SHDN = 0V
q
1.7
3
mA
ISS
Negative Supply Current
fSAMPLE = 600ksps, VSS = – 5V
q
0.12
0.30
mA
PD
Power Dissipation
fSAMPLE = 600ksps
q
60
120
mW
SHDN = 0V
q
8.5
15
mW
TI I G CHARACTERISTICS (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
q
600
kHz
tSAMPLE(MIN)
Minimum Throughput Time
q
1.66
µs
(Acquisition Time Plus Conversion Time)
tCONV
Conversion Time
q
1.4
1.6
µs
tACQ
Acquisition Time
160
ns
t1
CS
↓ to RD↓ Setup Time
(Notes 9, 11)
q
0ns
t2
CS
↓ to CONVST↓ Setup Time
(Notes 9, 11)
q
20
ns
t3
SHDN
↑ to CONVST↓ Wake-Up Time
(Note 11)
350
ns
t4
CONVST Low Time
(Notes 11, 13)
q
40
ns
t5
CONVST
↓ to BUSY↓ Delay
CL = 100pF
50
110
ns
Commercial
q
130
ns
Industrial
q
140
ns
t6
Data Ready Before BUSY
↑
CL = 20pF
q
20
40
ns
t7
Wait Time RD
↓ After BUSY↑
Mode 2, (See Figure 14) (Note 9)
q
–20
ns
t8
Data Access Time After RD
↓
CL = 20pF (Note 9)
35
90
ns
Commercial
q
110
ns
Industrial
q
120
ns
CL = 100pF
50
125
ns
Commercial
q
150
ns
Industrial
q
170
ns
t9
Bus Relinquish Time
(3k and 10pF Connected as Shown in
Test Circuits)
10
30
75
ns
Commercial
q
10
85
ns
Industrial
q
10
90
ns
t10
RD Low Time
(Note 9)
q
t8
ns
t11
CONVST High Time
(Notes 9, 13)
q
40
ns
t12
Aperture Delay of Sample-and-Hold
Jitter < 50ps
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com