Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1279C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1279C
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1279C Datasheet HTML 3Page - Linear Technology LTC1279C Datasheet HTML 4Page - Linear Technology LTC1279C Datasheet HTML 5Page - Linear Technology LTC1279C Datasheet HTML 6Page - Linear Technology LTC1279C Datasheet HTML 7Page - Linear Technology LTC1279C Datasheet HTML 8Page - Linear Technology LTC1279C Datasheet HTML 9Page - Linear Technology LTC1279C Datasheet HTML 10Page - Linear Technology LTC1279C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1279
PI FU CTIO S
AIN (Pin 1): Analog Input. 0V to 5V (Unipolar), ±2.5V
(Bipolar).
VREF (Pin 2): 2.42V Reference Output. Bypass to AGND
(10
µF tantalum in parallel with 0.1µF ceramic).
AGND (Pin 3): Analog Ground.
D11 to D4 (Pins 11 to 4): Three-State Data Outputs.
D11 is the Most Significant Bit.
DGND (Pin 12): Digital Ground.
D3 to D0 (Pins 13 to 16): Three-State Data Outputs.
DVDD (Pin17): Digital Power Supply, 5V. Tie to AVDD pin.
SHDN (Pin 18): Power Shutdown. The LTC1279 pow-
ers down when SHDN is low.
CONVST (Pin 19): Conversion Start Input. It is active
low. The falling edge of the CONVST signal initiates a
conversion. The LTC1279 responds to CONVST signal
only if the signal applied to CS is a logic low.
RD (Pin 20): READ Input. A logic low signal applied to
this pin enables the output data drivers when the signal
applied to the CS pin is a logic low.
CS (Pin 21): The CHIP SELECT input must be a logic low
for the ADC to recognize the signals applied to the
CONVST and RD inputs.
BUSY (Pin 22): The BUSY output shows the converter
status. It is a logic low during a conversion.
VSS (Pin 23): Negative Supply. – 5V will select bipolar
operation. Bypass to AGND with 0.1
µF ceramic. Tie to
analog ground to select unipolar operation.
AVDD (Pin 24): Positive Supply, 5V. Bypass to AGND
(10
µF tantalum in parallel with 0.1µF ceramic).
FU CTIO AL BLOCK DIAGRA
12-BIT CAPACITIVE DAC
COMPAR-
ATOR
2.42V REF
VREF
CSAMPLE
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
•
•
•
D11
D0
BUSY
CONTROL LOGIC
CS
CONVST
RD
SHDN
INTERNAL
CLOCK
ZEROING
SWITCH
DVDD
VSS
AVDD
(0V FOR UNIPOLAR MODE
OR –5V FOR BIPOLAR MODE)
AIN
AGND
DGND
12
12
1279 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com