Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1279C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1279C
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279C Datasheet(HTML) 5 Page - Linear Technology

  LTC1279C Datasheet HTML 1Page - Linear Technology LTC1279C Datasheet HTML 2Page - Linear Technology LTC1279C Datasheet HTML 3Page - Linear Technology LTC1279C Datasheet HTML 4Page - Linear Technology LTC1279C Datasheet HTML 5Page - Linear Technology LTC1279C Datasheet HTML 6Page - Linear Technology LTC1279C Datasheet HTML 7Page - Linear Technology LTC1279C Datasheet HTML 8Page - Linear Technology LTC1279C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1279
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve. The
deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from – 1/2LSB when
the output code flickers between 0000 0000 0000 and 1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: The AC test is for bipolar mode. The signal-to-noise plus
distortion ratio is about 1dB lower for unipolar mode, so the typical
S/(N + D) at 100kHz in unipolar mode is 71dB.
Note 11: Recommended operating conditions.
Note 12: AIN must not exceed VDD or fall below VSS by more than 50mV for
specified accuracy. Therefore the minimum supply voltage for the unipolar
mode is 4.95V. The minimum for the bipolar mode is 4.75V, – 2.45V.
Note 13: The falling CONVST edge starts a conversion. If CONVST returns
high at a bit decision point during the conversion it can create small errors.
For best performance ensure that CONVST returns high either within 120ns
after conversion start (i.e., before the first bit decision) or after BUSY rises
(i.e., after the last bit test). See mode 1a and 1b (Figures 12 and 13) timing
diagrams.
TI I G CHARACTERISTICS
The q indicates specifications which apply over the full operating
temperature range; all other limits and typicals TA = 25°C.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together (unless otherwise noted).
Note 3: When the analog input voltage is taken below VSS (ground for
unipolar mode) or above VDD, it will be clamped by internal diodes. This
product can handle input currents greater than 80mA below VSS (ground
for unipolar mode) or above VDD without latch-up.
Note 4: When these pin voltages are taken below VSS (ground for unipolar
mode), they will be clamped by internal diodes. This product can handle
input currents greater than 60mA below VSS (ground for unipolar mode)
without latch-up. These pins are not clamped to VDD.
Note 5: AVDD = DVDD = VDD = 5V, (VSS = – 5V for bipolar mode), fSAMPLE =
600kHz, tr = tf = 5ns unless otherwise specified.
Note 6: Linearity, offset and full scale specifications apply for unipolar and
bipolar modes.
(Note 5)
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CODE
0
4096
1279 G02
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
fSAMPLE = 600kHz
OUTPUT CODE
0
4096
1279 G01
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
fSAMPLE = 600kHz
Integral Nonlinearity vs
Output Code
FREQUENCY (Hz)
10k
100k
1M
5M
1279 G03
12
11
10
9
8
7
6
5
4
3
2
1
0
74
68
62
56
50
fSAMPLE = 600kHz
NYQUIST
FREQUENCY
ENOBs and S/(N + D) vs
Input Frequency
Differential Nonlinearity vs
Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com