Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD7566ACSA Datasheet(PDF) 12 Page - NEC

Part # UPD7566ACSA
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7566ACSA Datasheet(HTML) 12 Page - NEC

Back Button UPD7566ACSA Datasheet HTML 8Page - NEC UPD7566ACSA Datasheet HTML 9Page - NEC UPD7566ACSA Datasheet HTML 10Page - NEC UPD7566ACSA Datasheet HTML 11Page - NEC UPD7566ACSA Datasheet HTML 12Page - NEC UPD7566ACSA Datasheet HTML 13Page - NEC UPD7566ACSA Datasheet HTML 14Page - NEC UPD7566ACSA Datasheet HTML 15Page - NEC UPD7566ACSA Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
µPD7566A, 7566A(A)
12
1.7
I/O PORT OPERATIONS
(1) P00, P01 (Port 0)
Port 0 is a 2-bit input port and consists of pins P00 and P01. These pins are multiplexed, and P00 can
also input count clocks or testable signal (INT0), while P01 is used, when so specified by a mask option,
to input a reference voltage (Vref) to the internal comparator.
To input a count clock from P00, set bits 2 and 1 (CM2 and 1) for the clock mode register to “01” (see
2.10, Clock Control Circuit).
To allow P00 to serve as INT0, set the SM3 flag to 1.
Whether P01 is used to input a reference voltage (Vref) to the comparator is specified by a mask option.
In this case, the port function for the P01 pin cannot be used. The data on P00 and P01 can be loaded to
the lower 2 bits (A0 and A1) of the accumulator at any time, by executing a port input instruction (IPL, L
= 0).
(2) P10/Cin 0 to P13/Cin 3 (Port 1)
Port 1 is a 4-bit input port consisting of these four pins, which can also be used to input analog voltages
to the comparator, when so specified by mask options.
To input analog voltages through Port 1, a comparator must be connected to each bit of the port by
a mask option, and a port input instruction (IPL, L = 1) must be executed.
The analog voltage input through these pins to the comparator is always compared with a reference
voltage input through the Vref pin. It takes up to 3 machine cycles to accomplish this comparison.
Therefore, to change the voltage applied to the Vref pin by port output to form an A/D converter by using
a resistor ladder, wait for 3 machine cycles after executing a port output (OPL) instruction. Then carry out
an input (IPL, L = 1) instruction to obtain the result of the comparison.
If the output instruction is executed during a 3 machine cycle period that precedes the IPL instruction
(L = 1), which inputs the comparison result, the comparator accuracy may be degraded. For this reason,
do not execute the OPL instruction during 3 machine cycles immediately before the IPL instruction is
executed.
Example: LHLI
0AH
;
L = 10
OPL
;
Port 10 output (Vref is changed)
NOP
NOP
LHLI
1
;
L = 1
IPL
;
Input of comparison result
(3) P80 to P82 (Port 8), and P90 to P91 (Port 9)
Pins 80 to P82 constitute a 3-bit output port with output latch, Port 8, while P90 to P91 form a 2-bit output
port with output latch, Port 9.
When a port output instruction (OPL, L = 8, or L = 9) is executed, the contents of the accumulator are
latched on the output latches, and, at the same time, output to these ports.
Each bit in Ports 8 and 9 can be set or reset by SPBL or RPBL instruction.
Two output modes can be selected for Ports 8 and 9 by a mask option: CMOS (push-pull) or N-channel
open-drain mode.
The N-channel open-drain output mode is useful for interfacing a circuit operating on a supply voltage
different from that to the microcomputer, because the output buffer in this mode can withstand an applied
9V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com