Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3906
Description  350mW, PNP Small Signal Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3906 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMBT3906 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT3906
Taiwan Semiconductor
Small Signal Product
Document Number: DS_S1412033
Version: F14
h Parameters ( VCE = -10 VDC , f = 1.0 kHz , TA = 25
oC )
10
100
1000
0.1
1
10
IC, Collector Current (mA)
Fig. 7 Current Gain
0.1
1
10
100
0.1
1
10
IC - Collector Current (mA)
Fig. 8 Output Admittance
0.1
1
10
100
0.1
1
10
IC - Collector Current (mA)
Fig. 9 Input Impedance
0.1
1
10
0.1
1
10
IC - Collector Current (mA)
Fig. 10 Voltage Feedback Ratio
0
0.2
0.4
0.6
0.8
1
1
10
100
1000
IC - Collector Current (mA)
Fig. 11 "ON" Voltages
VCE @ IC/IB = 10
-2
-1.5
-1
-0.5
0
0.5
1
0
20
40
60
80 100 120 140 160 180 200
IC - Collector Current (mA)
Fig. 12 Temperature Coefficients
ΘVB for VBE9sat)
+25oC to +125oC
-55oC to +25oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com