Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3906
Description  350mW, PNP Small Signal Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3906 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMBT3906 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Epitaxial planar die construction
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT- 23, molded plastic
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Weight: 0.008g (approximately)
- Marking Code: 2A
SYMBOL
UNIT
PD
mW
VCBO
V
VCEO
V
VEBO
V
IC
mA
RθJA
oC/W
TJ , TSTG
oC
Notes:1. Valid provided that electrodes are kept at ambient temperature
SYMBOL
UNIT
IC = 10 μAV(BR)CBO
V
IC = -1 mA
V(BR)CEO
V
IE = -10 μAV(BR)EBO
V
VCB = -40 V
ICBO
nA
VEB = -6 V
IEBO
nA
VCE = -1 V
VCE = -1 V
VCE = -1 V
VCE = -1 V
VCE = -1 V
IC = -10 mA
IC = -50 mA
IC = -10 mA
IC= -50 mA
Gain-Bandwidth Product
VCE = -20 V
IC = -10 mA
fT
MHz
Output Capacitance
VCB = -5 V
IE = 0
Cobo
pF
Delay time
VCC = -3 V
VBE = -0.5 V
td
ns
Rise time
tr
ns
Storage time
VCC = -3 V
ts
ns
Fall time
tf
ns
Document Number: DS_S1412033
Version: F14
MMBT3906
Taiwan Semiconductor
Small Signal Product
350mW, PNP Small Signal Transistor
FEATURES
MECHANICAL DATA
SOT-23
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
-5
-
PARAMETER
VALUE
30
hFE
IC = -0.1 mA
Collector Base Cut-off Current
Emitter Base Cut-off Current
-0.85
-
-0.95
-
-0.25
--0.4
Junction and Storage Temperature Range
Thermal Resistance Junction-Ambient
Collector Current
Emitter-Base Voltage
Collector-Emitter Voltage
-55 to + 150
357
Collector-Base Voltage
Power Dissipation
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
-200
-5
-40
-40
350
IC = -10 mA
IB1 = -1.0 mA
VCE(sat)
V
VBE(sat)
V
IB = -1 mA
IC = -100 mA
250
IB = -1 mA
IB = -5 mA
PARAMETER
IC = 0
IB = 0
IE = 0
DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
IB1 = IB2 = -1.0 mA
MAX
MIN
-40
-40
-
IC = -10 mA
f= 1MHz
f= 100MHz
IB = -5 mA
-
-100
--50
-
IC = -50 mA
IC = -10 mA
IC = -1 mA
60
60
80
100
35
35
300
-
-4.5
-0.65
225
75
-
-
-
-


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
Small Signal Transistor (PNP)
logo
Micro Commercial Compon...
BAV23A MCC-BAV23A Datasheet
223Kb / 3P
350mW Small Signal Diode
logo
Taiwan Semiconductor Co...
MMBT2907A TSC-MMBT2907A Datasheet
316Kb / 3P
350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_10 Datasheet
382Kb / 4P
350mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAV23ACS MCC-BAV23ACS_13 Datasheet
274Kb / 3P
350mW Small Signal Diode
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
PNP Small Signal Transistor
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
PNP Small Signal Transistor
MMBT2907A TSC-MMBT2907A_14 Datasheet
323Kb / 5P
350mW, PNP Small Signal Transistor
MMBT3906L TSC-MMBT3906L Datasheet
262Kb / 5P
350mW, PNP Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com